Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37515M4-XXXHP Datasheet(PDF) 27 Page - Mitsubishi Electric Semiconductor

Part # M37515M4-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37515M4-XXXHP Datasheet(HTML) 27 Page - Mitsubishi Electric Semiconductor

Back Button M37515M4-XXXHP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37515M4-XXXHP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
27
M37515M4-XXXHP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
START/STOP
condition
control register
Oscillation
frequency
f(XIN) (MHz)
Fig. 30 Address data communication format
Fig. 29 Structure of I2C START/STOP condition control register
Note: Do not set an odd number to the START/STOP condition set bit (SSC4 to SSC0).
Table 9 Recommended set value to START/STOP condition set bits (SSC4–SSC0) for each oscillation frequency
Main clock
divide ratio
System
clock
φ
(MHz)
SCL release time
(
µs)
Setup time
(
µs)
Hold time
(
µs)
8
8
4
2
2
8
2
2
XXX11010
XXX11000
XXX00100
XXX01100
XXX01010
XXX00100
3.375
µs (13.5 cycles)
3.125
µs (12.5 cycles)
2.5
µs (2.5 cycles)
3.25
µs (6.5 cycles)
2.75
µs (5.5 cycles)
2.5
µs (2.5 cycles)
6.75
µs (27 cycles)
6.25
µs (25 cycles)
5.0
µs (5 cycles)
6.5
µs (13 cycles)
5.5
µs (11 cycles)
5.0
µs (5 cycles)
3.375
µs (13.5 cycles)
3.125
µs (12.5 cycles)
2.5
µs (2.5 cycles)
3.25
µs (6.5 cycles)
2.75
µs (5.5 cycles)
2.5
µs (2.5 cycles)
4
1
2
1
b7
b0
I2C START/STOP condition
control register
START/STOP condition set bit
SCL/SDA interrupt pin polarity
selection bit
0 : Falling edge active
1 : Rising edge active
SCL/SDA interrupt pin selection bit
0 : SDA valid
1 : SCL valid
Reserved
Do not write “1” to this bit.
SIS SIP SSC4 SSC3 SSC2 SSC1 SSC0
(S2D : address 003016)
S
Slave address R/W
A
Data
A/A
P
A
Data
7 bits
“0”
1 to 8 bits
1 to 8 bits
(1) A master-transmitter transnmits data to a slave-receiver
S
Slave address R/W
A
Data
A
P
A
Data
7 bits
“1”
1 to 8 bits
1 to 8 bits
(2) A master-receiver receives data from a slave-transmitter
7 bits
“0”
8 bits
(3) A master-transmitter transmits data to a slave-receiver with a 10-bit address
1 to 8 bits
1 to 8 bits
S
R/W
A
Slave address
1st 7 bits
Slave address
2nd bytes
A
A
Data
Data
P
A/A
7 bits
“0”
8 bits
(4) A master-receiver receives data from a slave-transmitter with a 10-bit address
S : START condition
A : ACK bit
Sr : Restart condition
P : STOP condition
R/W : Read/Write bit
7 bits
“1”
1 to 8 bits
1 to 8 bits
S
R/W
A
Slave address
1st 7 bits
Slave address
2nd bytes
A
Sr
Slave address
1st 7 bits
R/W
A
Data
Data
P
A
: Master to slave
: Slave to master
A


Similar Part No. - M37515M4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37515M4-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com