Electronic Components Datasheet Search |
|
MB90F351EPMC Datasheet(PDF) 9 Page - Fujitsu Component Limited. |
|
MB90F351EPMC Datasheet(HTML) 9 Page - Fujitsu Component Limited. |
9 / 85 page MB90350E Series 9 ■ PRODUCT LINEUP 2 (With Clock supervisor function) • Flash memory products (Continued) Part Number Parameter MB90F356E, MB90F357E MB90F356TE, MB90F357TE MB90F356ES, MB90F357ES MB90F356TES, MB90F357TES Type Flash memory products CPU F2MC-16LX CPU System clock On-chip PLL clock multiplier ( ×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops) Minimum instruction execution time : 42 ns (oscillation clock 4 MHz, PLL × 6) ROM Dual operation flash memory 64 Kbytes : MB90F356E(S), MB90F356TE(S) 128 Kbytes : MB90F357E(S), MB90F357TE(S) RAM 4 Kbytes Emulator-specific power supply*1 ⎯ Sub clock pin (X0A, X1A) Yes No (internal CR oscillation can be used as sub clock) Clock supervisor Yes Low voltage/CPU operation detection reset No Yes No Yes Operating voltage range 3.5 V to 5.5 V : at normal operating (not using A/D converter) 3.5 V to 5.5 V : at using A/D converter/Flash programming 3.5 V to 5.5 V : at using external bus Operating temperature range −40 °C to +125 °C Package LQFP-64 UART 2 channels Wide range of baud rate settings using a dedicated reload timer Special synchronous options for adapting to different synchronous serial protocols LIN functionality working either as master or slave LIN device I2C (400 kbps) 1 channel A/D Converter 15 channels 10-bit or 8-bit resolution Conversion time : Min 3 µs includes sample time (per one channel) 16-bit Reload Timer (4 channels) Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys = Machine clock frequency) Supports External Event Count function. 16-bit I/O Timer (2 channels) I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1. I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7. Signals an interrupt when overflowing. Supports Timer Clear when a match with Output Compare (Channel 0, 4) . Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27 (fsys = Machine clock frequency) 16-bit Output Compare 4 channels Signals an interrupt when 16-bit I/O Timer matches with output compare registers. A pair of compare registers can be used to generate an output signal. |
Similar Part No. - MB90F351EPMC |
|
Similar Description - MB90F351EPMC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |