Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75N75L-TA3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 75N75L-TA3-R
Description  75Amps, 75Volts N-CHANNEL POWER MOSTFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75N75L-TA3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  75N75L-TA3-R Datasheet HTML 1Page - Unisonic Technologies 75N75L-TA3-R Datasheet HTML 2Page - Unisonic Technologies 75N75L-TA3-R Datasheet HTML 3Page - Unisonic Technologies 75N75L-TA3-R Datasheet HTML 4Page - Unisonic Technologies 75N75L-TA3-R Datasheet HTML 5Page - Unisonic Technologies 75N75L-TA3-R Datasheet HTML 6Page - Unisonic Technologies 75N75L-TA3-R Datasheet HTML 7Page - Unisonic Technologies 75N75L-TA3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
75N75
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-097,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
75
V
TC = 25℃
75
A
Continuous Drain Current
TC = 100℃
ID
56
A
Drain Current Pulsed (Note 1)
IDM
300
A
Gate to Source Voltage
VGS
±
20
V
Single Pulsed (Note 2)
EAS
900
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
300
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
15
V/ns
TC = 25℃
220
W
Total Power Dissipation
Derating above 25℃
PD
1.4
W/℃
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance Junction-Ambient
θJA
62.5
/W
Thermal Resistance Junction-Case
θJC
0.8
/W
Thermal Resistance Case-Sink
θCS
0.5
/W
ELECTRICAL CHARACTERISTICS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 µA
75
V
Breakdown Voltage Temperature
Coefficient
BV
DSS/△TJ
ID = 1mA,
Referenced to 25℃
0.08
V/℃
VDS = 75 V, VGS = 0 V
20
µA
Drain-Source Leakage Current
IDSS
VDS = 75 V, VGS = 0 V,
TJ = 150℃
250
µA
Gate-Source Leakage Current
VGS = 20V, VDS = 0 V
100
nA
Gate-Source Leakage Reverse
IGSS
VGS = -20V, VDS = 0 V
-100
nA
On Characteristics
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 µA
2.0
4.0
V
Static Drain-Source On-State
Resistance
RDS(ON)
VGS = 10 V, ID = 48 A
12.5
15
mΩ
Dynamic Characteristics
Input Capacitance
CISS
3300
pF
Output Capacitance
COSS
530
pF
Reverse Transfer Capacitance
CRSS
VGS = 0 V, VDS = 25 V
f = 1MHz
80
pF
Switching Characteristics
Turn-On Delay Time
tD(ON)
12
ns
Rise Time
tR
79
ns
Turn-Off Delay Time
tD(OFF)
80
ns
Fall Time
tF
VDD = 38V, ID =48A,
VGS=10V, (Note 4, 5)
52
ns
Total Gate Charge
QG
90
140
nC
Gate-Source Charge
QGS
20
35
nC
Gate-Drain Charge (Miller Charge)
QGD
VDS = 60V, VGS = 10 V
ID = 48A, (Note 4, 5)
30
45
nC


Similar Part No. - 75N75L-TA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75N75L-TA3-T UTC-75N75L-TA3-T Datasheet
208Kb / 6P
   80Amps, 75Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
75N75L-TA3-T VBSEMI-75N75L-TA3-T Datasheet
1Mb / 8P
   N-Channel 80 V (D-S) MOSFET
More results

Similar Description - 75N75L-TA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N75 UTC-60N75 Datasheet
246Kb / 8P
   60Amps, 75Volts N-CHANNEL POWER MOSTFET
75N75 UTC-75N75_09 Datasheet
208Kb / 6P
   80Amps, 75Volts N-CHANNEL POWER MOSFET
logo
Micro Commercial Compon...
BAW156 MCC-BAW156 Datasheet
212Kb / 4P
   250mW 75Volts Dual Switching Diode
logo
Guangdong Kexin Industr...
XP151A13 KEXIN-XP151A13 Datasheet
208Kb / 3P
   N-Channel Power
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Samsung semiconductor
IRFP450 SAMSUNG-IRFP450 Datasheet
212Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com