Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F357E Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90F357E
Description  16-bit Proprietary Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F357E Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90F357E Datasheet HTML 1Page - Fujitsu Component Limited. MB90F357E Datasheet HTML 2Page - Fujitsu Component Limited. MB90F357E Datasheet HTML 3Page - Fujitsu Component Limited. MB90F357E Datasheet HTML 4Page - Fujitsu Component Limited. MB90F357E Datasheet HTML 5Page - Fujitsu Component Limited. MB90F357E Datasheet HTML 6Page - Fujitsu Component Limited. MB90F357E Datasheet HTML 7Page - Fujitsu Component Limited. MB90F357E Datasheet HTML 8Page - Fujitsu Component Limited. MB90F357E Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
MB90350E Series
3
• Sub clock pin (X0A, X1A)
• Yes (using the external oscillation) : devices without S-suffix
• No (using the sub clock mode at internal CR oscillation) : devices with S-suffix
• Timer
• Timebase timer, watch timer, watchdog timer : 1 channel
• 8/16-bit PPG timer : 8-bit
× 10 channels or 16-bit × 6 channels
• 16-bit reload timer : 2 channels (only Evaluation products has 4 channels)
• 16- bit input/output timer
- 16-bit free-run timer : 2 channels (FRT0 : ICU0/1, FRT1 : ICU4/5/6/7, OCU4/5/6/7)
- 16- bit input capture: (ICU) : 6 channels
- 16-bit output compare : (OCU) : 4 channels
• FULL-CAN interface : 1 channel
• Compliant with CAN standard Version2.0 Part A and Part B
• 16 message buffers are built-in
• CAN wake-up function
• UART (LIN/SCI) : 2 channels
• Equipped with full-duplex double buffer
• Clock-asynchronous or clock-synchronous serial transmission is available.
• I2C interface*1 : 1 channel
Up to 400 kbps transfer rate
• DTP/External interrupt : 8 channels, CAN wakeup : 1 channel
Module for activation of extended intelligent I/O service (EI2OS), DMA, and generation of external interrupt by
external input.
• Delay interrupt generator module
Generates interrupt request for task switching.
• 8/10-bit A/D converter : 15 channels
• Resolution is selectable between 8-bit and 10-bit.
• Activation by external trigger input is allowed.
• Conversion time : 3
µs (at 24-MHz machine clock, including sampling time)
• Program patch function
• Address matching detection for 6 address pointers.
• Capable of changing input voltage level for port
• Automotive/CMOS-Schmitt (initial level is Automotive in single chip mode)
• TTL level (corresponds to external bus pins only, initial level of these pins is TTL in external bus mode)
• Low voltage/CPU operation detection reset (devices with T-suffix)
• Detects low voltage (4.0 V
± 0.3 V) and resets automatically
• Resets automatically when program is runaway and counter is not cleared within interval time
(approx. 262 ms : external 4 MHz)
• Dual operation Flash memory
• Erase/write and read can be executed in the different bank (Upper Bank/Lower Bank) at the same time.
• Supported TA = + 125 °C
The maximum operating frequency is 24 MHz*2 : (at TA
= +125 °C) .
(Continued)


Similar Part No. - MB90F357E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F357EPMC FUJITSU-MB90F357EPMC Datasheet
2Mb / 92P
   16-bit Microcontrollers
logo
Cypress Semiconductor
MB90F357EPMC CYPRESS-MB90F357EPMC Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
MB90F357EPMC1 CYPRESS-MB90F357EPMC1 Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90F357ES FUJITSU-MB90F357ES Datasheet
2Mb / 92P
   16-bit Microcontrollers
MB90F357ESPMC FUJITSU-MB90F357ESPMC Datasheet
2Mb / 92P
   16-bit Microcontrollers
More results

Similar Description - MB90F357E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com