Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT88E39AS1 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MT88E39AS1
Description  Calling Number Identification Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT88E39AS1 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MT88E39AS1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT88E39AS1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT88E39AS1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT88E39AS1 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT88E39AS1 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT88E39AS1 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT88E39AS1 Datasheet HTML 13Page - Zarlink Semiconductor Inc MT88E39AS1 Datasheet HTML 14Page - Zarlink Semiconductor Inc MT88E39AS1 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MT88E39
Data Sheet
11
Zarlink Semiconductor Inc.
† AC Electrical Characteristics are over recommended operating conditions unless otherwise stated.
‡ Typical figures are at 25
°C and are for design aid only, not guaranteed and not subject to production testing.
Notes*:
1. The device will stop functioning within this time, but more time may be required to reach IDDQ.
† AC Electrical Characteristics are over recommended operating conditions unless otherwise stated.
‡ Typical figures are at 25
°C and are for design aid only, not guaranteed and not subject to production testing.
Notes*:
1. FSK input data at 1200
±12 baud.
2. OSC1 at 3.579545 MHz
±0.2%.
3. 10 k to VSS, 50pF to VSS.
4. 10 k to VDD, 50pF to VSS.
5. Function of signal condition.
6. For a repeating mark space sequence, the data stream will typically have equal 1 and 0 bit durations.
AC Electrical Characteristics- Timing
Characteristics
Sym.
Min.
Typ.
Max.
Units
Notes*
1
PWDN
OSC1
Power-up time
tPU
50
ms
2
Power-down time
tPD
100
1000
µs1
3
CD
Input FSK to CD low delay
tIAL
25
ms
4
Input FSK to CD high delay
tIAH
10
ms
5Hysteresis
10
ms
AC Electrical Characteristics- 3-Wire FSK Interface Timing (Mode 0)
Characteristics
Sym.
Min.
Typ.
Max.
Units.
Notes*
1
DATA
Rate
1188
1200
1212
bps
1, 6
2
Input FSK to DATA delay
tIDD
15
ms
3
DATA
DCLK
Rise time
tR
200
ns
3
4
Fall time
tF
200
ns
3
5
DATA to DCLK delay
tDCD
6416
µs
1, 2, 5, 6
6
DCLK to DATA delay
tCDD
6416
µs
1, 2, 5, 6
7
DCLK
Frequency
1200.4
1202.8
1205.2
Hz
2
8
High time
tCH
415
416
417
µs2
9
Low time
tCL
415
416
417
µs2
10
DCLK
DR
DCLK to DR delay
tCRD
415
416
417
µs2
11
DR
Rise time
tRR
10
µs4
12
Fall time
tFF
200
ns
4
13
Low time
tRL
415
416
417
µs2


Similar Part No. - MT88E39AS1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88E39AS MITEL-MT88E39AS Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
More results

Similar Description - MT88E39AS1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
   CMOS Calling Number Identification Circuit
logo
Texas Instruments
MT88E46 TI-MT88E46_06 Datasheet
406Kb / 23P
[Old version datasheet]   Bellcore Compliant Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E46 ZARLINK-MT88E46 Datasheet
522Kb / 23P
   Bellcore Compliant Calling Number Identification Circuit
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
logo
List of Unclassifed Man...
SC88E43 ETC-SC88E43 Datasheet
389Kb / 25P
   EXTENDED VOLTAGE CALLING NUMBER IDENTIFICATION CIRCUIT 2
logo
Zarlink Semiconductor I...
MT88E45B ZARLINK-MT88E45B Datasheet
488Kb / 28P
   4-Wire Calling Number Identification Circuit 2
MT88E43 ZARLINK-MT88E43 Datasheet
317Kb / 26P
   Extended Voltage Calling Number Identification Circuit 2
logo
Mitel Networks Corporat...
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
   CMOS Calling Number Identification Circuit 2 Preliminary Information
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com