Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145010 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC145010
Description  Photoelectric Smoke Detector IC with I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145010 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC145010 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Sensors
Freescale Semiconductor
3
MC145010
Table 2. Electrical Characteristics
(TA = -10 to 60°C unless otherwise indicated. Voltages referenced to VSS.)
Characteristics
Symbol
VDD/VDC
Min
Typ
Max
Unit
Operating Voltage
VDD
6.0
12.0
V
Supply Threshold voltage, Low-Supply Alarm
Low-Supply Trip: VIN = VDD/3
VTH
6.5
7.8
V
Average Operating Supply Current (per Package)
Standby Configured per Figure 8
IDD
12.0
12.0
µA
Peak Supply Current (per Package)
During Strobe ON, IRED OFF Configured per Figure 8
During Strobe ON, IRED ON Configured per Figure 8
iDD
12.0
12.0
2.0
3.0
mA
Low-Level Input Voltage
I/O
Feedback
Test
VIL
9.0
9.0
9.0
1.5
2.7
7.0
V
High-Level Input Voltage
I/O
Feedback
Test
VIH
9.0
9.0
9.0
3.2
6.3
8.5
V
Input Current
OSC, Detect – VIN = VSS or VDD
Low-Supply Trip – VIN = VSS or VDD
Feedback – VIN = VSS or VDD
IIN
12.0
12.0
12.0
±100
±100
±100
nA
Low -Level Input Current
Test – VIN = VSS or VDD
IIL
12.0
-1.0
µA
Pull-Down Current
Test – VIN = VDD
I/O – No Local Smoke, VIN = VDD
I/O – No Local Smoke, VIN = 17 V
IIH
9.0
9.0
12.0
0.5
25.0
10
100
140
µA
Low-Level Output Voltage
LED – IOUT = 10 mA
Silver, Brass – IOUT = 16 mA
VOL
6.5
6.5
0.6
1.0
V
High-Level Output Voltage
Silver, Brass – IOUT = 16 mA
VOH
6.5
5.5
V
Output Voltage (For Line Regulations, See Pin Descriptions)
Strobe – Inactive, IOUT = -1 µA
Active, IOUT = 100 µA to 500 µA (Load Regulation)
IRED – Inactive, IOUT = 1 µA
Active, IOUT = 6 µA (Load Regulation)
VOUT
9.0
9.0
VDD – 0.1
VDD – 4.40
2.25(1)
1. TA = 25°C only.
VDD – 5.30
0.1
3.751
V
High-Level Output Current
I/O – Local Smoke, VOUT = 4.5 V
I/O – Local Smoke, VOUT = VSS (Short Circuit Current)
IOH
6.5
12.0
-4
-16
mA
Off-State Output Leakage Current
LED – VOUT = VSS or VDD
IOZ
12.0
±1.0
ΧA
Common Mode
C1, C2, Detect, Voltage Range – Local Smoke, Push Button
Test, or Chamber Sensitivity Test
VIC
VDD – 4
VDD – 2
V
Smoke Comparator
Internal Reference Voltage – Local Smoke, Push Button
Test, or Chamber Sensitivity Test
VREF
VDD – 3.08
VDD – 3.92
V


Similar Part No. - MC145010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145011ED FREESCALE-MC145011ED Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145011P FREESCALE-MC145011P Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145012 FREESCALE-MC145012 Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Similar Description - MC145010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75310 MOSDESIGN-M75310 Datasheet
124Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2012-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com