Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M34C02-LMB1G Datasheet(PDF) 1 Page - STMicroelectronics

Part # M34C02-LMB1G
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-LMB1G Datasheet(HTML) 1 Page - STMicroelectronics

  M34C02-LMB1G Datasheet HTML 1Page - STMicroelectronics M34C02-LMB1G Datasheet HTML 2Page - STMicroelectronics M34C02-LMB1G Datasheet HTML 3Page - STMicroelectronics M34C02-LMB1G Datasheet HTML 4Page - STMicroelectronics M34C02-LMB1G Datasheet HTML 5Page - STMicroelectronics M34C02-LMB1G Datasheet HTML 6Page - STMicroelectronics M34C02-LMB1G Datasheet HTML 7Page - STMicroelectronics M34C02-LMB1G Datasheet HTML 8Page - STMicroelectronics M34C02-LMB1G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
April 2006
Rev 9
1/31
1
M34C02-W
M34C02-L M34C02-R
2 Kbit Serial I²C Bus EEPROM
for DIMM serial presence detect
Feature summary
Software Data Protection for lower 128 Bytes
Two Wire I2C Serial Interface
400kHz Transfer Rates
Single Supply Voltage:
– 2.5 to 5.5V for M34C02-W
– 2.2 to 5.5V for M34C02-L
– 1.8 to 5.5V for M34C02-R
Byte and Page Write (up to 16 bytes)
Random and Sequential Read modes
Self-Timed Programming Cycle
Automatic Address Incrementing
Enhanced ESD/Latch-Up Protection
More than 1 million Write cycles
More than 40 Year Data Retention
Packages
– ECOPACK® (RoHS compliant)
TSSOP8 (DW)
169 mil width
UFDFPN8 (MB)
2x3mm² (MLP)
www.st.com


Similar Part No. - M34C02-LMB1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-LMN6T STMICROELECTRONICS-M34C02-LMN6T Datasheet
147Kb / 19P
   2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
More results

Similar Description - M34C02-LMB1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
   2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
M34E02 STMICROELECTRONICS-M34E02 Datasheet
349Kb / 23P
   2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
   4-Kbit Serial Presence Detect EEPROM compatible
logo
Seiko Instruments Inc
S-34C04A SII-S-34C04A Datasheet
1Mb / 22P
   FOR DIMM SERIAL PRESENCE DETECT
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com