Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M34C02-WMB1G Datasheet(PDF) 6 Page - STMicroelectronics

Part # M34C02-WMB1G
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-WMB1G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M34C02-WMB1G Datasheet HTML 2Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 3Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 4Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 5Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 6Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 7Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 8Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 9Page - STMicroelectronics M34C02-WMB1G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Summary description
M34C02-W, M34C02-L, M34C02-R
6/31
1
Summary description
The M34C02-W, M34C02-L and M34C02-R are 2Kbit serial EEPROM memory able to lock
permanently the data in its first half (from location 00h to 7Fh). This facility has been
designed specifically for use in DRAM DIMMs (dual interline memory modules) with Serial
Presence Detect. All the information concerning the DRAM module configuration (such as
its access speed, its size, its organization) can be kept write protected in the first half of the
memory.
This bottom half of the memory area can be write-protected using a specially designed
software write protection mechanism. By sending the device a specific sequence, the first
128 Bytes of the memory become permanently write protected. Care must be taken when
using this sequence as its effect cannot be reversed. In addition, the device allows the entire
memory area to be write protected, using the WC input (for example by tieing this input to
VCC).
These I2C-compatible electrically erasable programmable memory (EEPROM) devices are
organized as 256x8 bits.
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
I2C uses a two wire serial interface, comprising a bi-directional data line and a clock line.
The device carries a built-in 4-bit Device Type Identifier code (1010) in accordance with the
I2C bus definition to access the memory area and a second Device Type Identifier Code
(0110) to access the Protection Register. These codes are used together with three chip
enable inputs (E2, E1, E0) so that up to eight 2Kbit devices may be attached to the I²C bus
and selected individually.
The device behaves as a slave device in the I2C protocol, with all memory operations
synchronized by the serial clock. Read and Write operations are initiated by a START
condition, generated by the bus master. The START condition is followed by a Device Select
Code and RW bit (as described in Table 2), terminated by an acknowledge bit.
When writing data to the memory, the memory inserts an acknowledge bit during the 9th bit
time, following the bus master’s 8-bit transmission. When data is read by the bus master, the
bus master acknowledges the receipt of the data byte in the same way. Data transfers are
terminated by a STOP condition after an Ack for WRITE, and after a NoAck for READ.


Similar Part No. - M34C02-WMB1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-WMN6T STMICROELECTRONICS-M34C02-WMN6T Datasheet
147Kb / 19P
   2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
More results

Similar Description - M34C02-WMB1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
   2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
M34E02 STMICROELECTRONICS-M34E02 Datasheet
349Kb / 23P
   2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
   4-Kbit Serial Presence Detect EEPROM compatible
logo
Seiko Instruments Inc
S-34C04A SII-S-34C04A Datasheet
1Mb / 22P
   FOR DIMM SERIAL PRESENCE DETECT
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com