Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145202DT Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC145202DT
Description  Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145202DT Datasheet(HTML) 2 Page - Motorola, Inc

  MC145202DT Datasheet HTML 1Page - Motorola, Inc MC145202DT Datasheet HTML 2Page - Motorola, Inc MC145202DT Datasheet HTML 3Page - Motorola, Inc MC145202DT Datasheet HTML 4Page - Motorola, Inc MC145202DT Datasheet HTML 5Page - Motorola, Inc MC145202DT Datasheet HTML 6Page - Motorola, Inc MC145202DT Datasheet HTML 7Page - Motorola, Inc MC145202DT Datasheet HTML 8Page - Motorola, Inc MC145202DT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MC145202
MOTOROLA
2
ENB
REFin
Din
CLK
REFout
fin
fin
OSC OR
4–STAGE
DIVIDER
(CONFIGURABLE)
20
1
18
19
11
10
OUTPUT A
INPUT
AMP
SELECT
LOGIC
3
13
24
13–STAGE R COUNTER
64/65
PRESCALER
MODULUS
CONTROL
LOGIC
12–STAGE
N COUNTER
6–STAGE
A COUNTER
INTERNAL
CONTROL
SHIFT
REGISTER
AND
CONTROL
LOGIC
STANDBY
LOGIC
POR
BitGrabber
™ A REGISTER
24 BITS
BitGrabber
™ C REGISTER
8 BITS
DOUBLE–BUFFERED
BitGrabber
™ R REGISTER
16 BITS
PHASE/FREQUENCY
DETECTOR B AND CONTROL
PHASE/FREQUENCY
DETECTOR A AND CONTROL
LOCK DETECTOR
AND CONTROL
6
12
4
2
LD
Rx
PDout
φR
φV
OUTPUT B
(OPEN–
DRAIN
OUTPUT)
TEST 2
TEST 1
9
15
13
4
3
6
8
2
16
SUPPLY CONNECTIONS:
PIN 12 = VCC (V+ TO INPUT AMP AND 64/65 PRESCALER)
PIN 5 = VPD (V+ TO PHASE/FREQUENCY DETECTORS A AND B)
PIN 14 = VDD (V+ TO BALANCE OF CIRCUIT)
PIN 7 = GND (COMMON GROUND)
17
DATA OUT
fR
fV
PORT
BLOCK DIAGRAM


Similar Part No. - MC145202DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145202EVK MOTOROLA-MC145202EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
More results

Similar Description - MC145202DT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E05SR FUJITSU-MB15E05SR Datasheet
211Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.0 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15U36 FUJITSU-MB15U36 Datasheet
270Kb / 23P
   Dual PLL Frequency Synthesizer with On-Chip Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com