Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGE1400K Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RGE1400K
Description  Selection Guide and Product Data
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RGE1400K Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RGE1400K Datasheet HTML 1Page - List of Unclassifed Manufacturers RGE1400K Datasheet HTML 2Page - List of Unclassifed Manufacturers RGE1400K Datasheet HTML 3Page - List of Unclassifed Manufacturers RGE1400K Datasheet HTML 4Page - List of Unclassifed Manufacturers RGE1400K Datasheet HTML 5Page - List of Unclassifed Manufacturers RGE1400K Datasheet HTML 6Page - List of Unclassifed Manufacturers RGE1400K Datasheet HTML 7Page - List of Unclassifed Manufacturers RGE1400K Datasheet HTML 8Page - List of Unclassifed Manufacturers RGE1400K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5. Verify ambient operating conditions.
Ensure that your application’s minimum and maximum ambient
temperatures are within the operating temperature range of –40°C
and 85°C.
Maximum device surface temperature in the tripped state is 125°C.
6. Verify the RGE device’s dimensions.
Using dimensions from the table below, compare the dimensions of the
RGE device you selected with the application’s space considerations.
Product dimensions (millimeters/
inches)
Raychem Circuit Protection Devices
RGE Devices
133
RGE
Radial Leaded
A
B
C
E
F
Marking
D
CL
CL
CL
CL
New
New
New
New
Part
A
B
C
D
E
F
number
max.
max.
typ.
min.
max.
typ.
RGE300
7.1
(0.28)
11.0
(0.43)
5.1
(0.20)
7.6
(0.30)
3.0
(0.12)
1.2
(0.05)
RGE400
8.9
(0.35)
12.8
(0.50)
5.1
(0.20)
7.6
(0.30)
3.0
(0.12)
1.2
(0.05)
RGE500
10.4
(0.41)
14.3
(0.56)
5.1
(0.20)
7.6
(0.30)
3.0
(0.12)
1.2
(0.05)
RGE600
10.7
(0.42)
17.1
(0.67)
5.1
(0.20)
7.6
(0.30)
3.0
(0.12)
1.2
(0.05)
RGE700
11.2
(0.44)
19.7
(0.78)
5.1
(0.20)
7.6
(0.30)
3.0
(0.12)
1.2
(0.05)
RGE800
12.7
(0.50)
20.9
(0.82)
5.1
(0.20)
7.6
(0.30)
3.0
(0.12)
1.2
(0.05)
RGE900
14.0
(0.55)
21.7
(0.85)
5.1
(0.20)
7.6
(0.30)
3.0
(0.12)
1.2
(0.05)
RGE1000
16.5
(0.65)
24.1
(0.95)
5.2
(0.20)
7.6
(0.30)
3.0
(0.12)
1.2
(0.05)
RGE1100
17.5
(0.69)
26.0
(1.02)
5.1
(0.20)
7.6
(0.30)
3.0
(0.12)
1.2
(0.05)
RGE1200
17.5
(0.69)
28.0
(1.10)
10.2
(0.40)
7.6
(0.30)
3.6
(0.14)
1.4
(0.06)
RGE1400
27.9
(1.10)
27.9
(1.10)
10.2
(0.40)
7.6
(0.30)
3.4
(0.13)
1.4
(0.06)
Lead Size
RGE300–RGE1100
0.81
(0.032)
20 AWG
RGE1200–RGE1400
1.0
(0.040)
18 AWG
New
New
* Kinked leads are
available for
RGE300 - RGE1400
4
RGE300–RGE1400*
RGE(7)
1/15/99 11:16 AM
Page 133


Similar Part No. - RGE1400K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGE1000 ETC1-RGE1000 Datasheet
117Kb / 1P
   Poly Switch PTC Devices
logo
Tyco Electronics
RGE1000 MACOM-RGE1000 Datasheet
117Kb / 1P
   PolySwitch짰PTC Devices Resettable Fuse
RGE1100 MACOM-RGE1100 Datasheet
34Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
More results

Similar Description - RGE1400K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
99334 MACOM-99334 Datasheet
396Kb / 12P
   miniSMD Selection Guide and Product Data
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
logo
Samsung semiconductor
K4G80325FB-HC28 SAMSUNG-K4G80325FB-HC28 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com