Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG736L Datasheet(PDF) 2 Page - Analog Devices

Part # ADG736L
Description  CMOS Low Voltage 2.5 OHM Dual SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG736L Datasheet(HTML) 2 Page - Analog Devices

  ADG736L Datasheet HTML 1Page - Analog Devices ADG736L Datasheet HTML 2Page - Analog Devices ADG736L Datasheet HTML 3Page - Analog Devices ADG736L Datasheet HTML 4Page - Analog Devices ADG736L Datasheet HTML 5Page - Analog Devices ADG736L Datasheet HTML 6Page - Analog Devices ADG736L Datasheet HTML 7Page - Analog Devices ADG736L Datasheet HTML 8Page - Analog Devices ADG736L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADG736L
Rev. 0 | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions..............................6
Typical Performance Characteristics ..............................................7
Test Circuits........................................................................................9
Terminology .................................................................................... 10
Applications Information .............................................................. 11
Outline Dimensions ....................................................................... 12
Ordering Guide .......................................................................... 12
REVISION HISTORY
1/07—Revision 0: Initial Version


Similar Part No. - ADG736L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results

Similar Description - ADG736L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736BRMZ-REEL7 AD-ADG736BRMZ-REEL7 Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
ADG736BRMZ AD-ADG736BRMZ Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
Rev. D
ADG736 AD-ADG736 Datasheet
99Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPDT Switch
REV. 0
ADG719 AD-ADG719 Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
ADG733 AD-ADG733 Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
logo
Alpha & Omega Semicondu...
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
   0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com