Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5N60L Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5N60L
Description  4.5 Amps, 600 Volts N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N60L Datasheet(HTML) 1 Page - Unisonic Technologies

  5N60L Datasheet HTML 1Page - Unisonic Technologies 5N60L Datasheet HTML 2Page - Unisonic Technologies 5N60L Datasheet HTML 3Page - Unisonic Technologies 5N60L Datasheet HTML 4Page - Unisonic Technologies 5N60L Datasheet HTML 5Page - Unisonic Technologies 5N60L Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N60
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-065,B
4.5 Amps, 600 Volts
N-CHANNEL MOSFET
DESCRIPTION
The UTC 5N60 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 2.5Ω @VGS = 10 V
* Ultra low gate charge ( typical 15 nC )
* Low reverse transfer Capacitance ( CRSS = typical 6.5 pF )
* Fast switching capability
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
1
TO-220F
*Pb-free plating product number: 5N60L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
5N60-TA3-T
5N60L-TA3-T
TO-220
G
D
S
Tube
5N60-TF3-T
5N60L-TF3-T
TO-220F
G
D
S
Tube
5N60L-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube
(2) TA3: TO-220, TF3: TO-220F
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 5N60L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N60L-TA3-T UTC-5N60L-TA3-T Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
5N60L-TA3-T UTC-5N60L-TA3-T Datasheet
329Kb / 7P
   N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
5N60L-TA3-T VBSEMI-5N60L-TA3-T Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
5N60L-TF1-T UTC-5N60L-TF1-T Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
5N60L-TF1-T UTC-5N60L-TF1-T Datasheet
329Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 5N60L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N60 UTC-5N60_10 Datasheet
242Kb / 6P
   4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
2N60 UTC-2N60 Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
   1.2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
   1.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
165Kb / 6P
   15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
   2 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com