Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5N60 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 5N60
Description  4.5 Amps, 600 Volts N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N60 Datasheet(HTML) 3 Page - Unisonic Technologies

  5N60 Datasheet HTML 1Page - Unisonic Technologies 5N60 Datasheet HTML 2Page - Unisonic Technologies 5N60 Datasheet HTML 3Page - Unisonic Technologies 5N60 Datasheet HTML 4Page - Unisonic Technologies 5N60 Datasheet HTML 5Page - Unisonic Technologies 5N60 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-065,B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Drain-Source Diode Characteristics and Maximum Ratings
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 4.5 A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
4.5
A
Maximum Pulsed Drain-Source Diode Forward
Current
ISM
18
A
Reverse Recovery Time
tRR
300
ns
Reverse Recovery Charge
QRR
VGS = 0 V, IS = 4.5 A,
dIF / dt = 100 A/µs (Note 4)
2.2
µC
Note 1. Repetitive Rating : Pulse width limited by TJ
2. L = 18.9mH, IAS = 4.5 A, VDD = 50V, RG = 25 Ω, Starting TJ = 25℃
3. ISD ≤ 4.5A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25℃
4. Pulse Test : Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature


Similar Part No. - 5N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N60 UTC-5N60 Datasheet
242Kb / 6P
   4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
5N60 UTC-5N60 Datasheet
254Kb / 6P
   5A, 600V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
5N60 NELLSEMI-5N60 Datasheet
396Kb / 8P
   N-Channel Power MOSFET
logo
Inchange Semiconductor ...
5N60 ISC-5N60 Datasheet
157Kb / 2P
   Avalanche Energy Specified
logo
Zibo Seno Electronic En...
5N60 ZSELEC-5N60 Datasheet
500Kb / 6P
   N-CHANNEL MOSFET
More results

Similar Description - 5N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N60 UTC-5N60_10 Datasheet
242Kb / 6P
   4.5 Amps, 600/650 Volts N-CHANNEL MOSFET
2N60 UTC-2N60 Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
   1.2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
   1.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
165Kb / 6P
   15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
   2 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com