Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TLV255X Datasheet(PDF) 3 Page - Texas Instruments

Part No. TLV255X
Description  ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 3 page
background image
TLV225x, TLV225xA
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2252M, TLV2252AM . . . JG PACKAGE
(TOP VIEW)
TLV2252I, TLV2252AI
TLV2252Q, TLV2252AQ
D, P, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
VDD−/GND
VDD+
2OUT
2IN −
2IN +
NC
VCC +
2OUT
2IN −
2IN +
NC
1OUT
1IN −
1IN +
VCC−/GND
1
2
3
4
5
10
9
8
7
6
TLV2252M, TLV2252AM ...U PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
VDD−/GND
VDD+
2OUT
2IN −
2IN +
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN −
NC
NC
1IN −
NC
1IN +
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN +
VDD+
2IN +
2IN −
2OUT
4OUT
4IN −
4IN +
VDD−/GND
3IN +
3IN −
3OUT
TLV2254I, TLV2254AI, TLV2254Q, TLV2254AQ ...D OR N PACKAGE
TLV2254M, TLV2254AM ...J OR W PACKAGE
(TOP VIEW)
TLV2254I, TLV2254AI . . . PW PACKAGE
(TOP VIEW)
1
14
8
7
4OUT
4IN −
4IN +
VDD −/GND
3IN +
3IN −
3OUT
1OUT
1IN −
1IN +
VDD+
2IN +
2IN −
2OUT
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
VDD−/GND
NC
3IN+
1IN+
NC
VDD+
NC
2IN+
TLV2252M, TLV2252AM . . . FK PACKAGE
(TOP VIEW)
TLV2254M, TLV2254AM . . . FK PACKAGE
(TOP VIEW)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TL971OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LMV341RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
OPA353High-Speed Single-Supply Rail-to-Rail OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TSV911Rail-to-rail input/output 8MHz operational amplifiers 1 2 3 4 5 MoreSTMicroelectronics
AD8691Low Cost Low Noise CMOS Rail-to-Rail Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
LM2904WLOW POWER DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
OPA131General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
ADCMP600Rail-to-Rail Very Fast 2.5 V to 5.5 V Single-Supply TTL/CMOS Comparators 1 2 3 4 5 MoreAnalog Devices
CA3410Quad BiMOS Operational Amplifiers With MOSFET Input Bipolar Output 1 2 3 4 5 MoreHarris Corporation
ADCMP603Rail-to-Rail Very Fast 2.5 V to 5.5 V Single-Supply TTL/CMOS Comparator 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl