Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK500 Datasheet(PDF) 6 Page - Texas Instruments

Part # TK500
Description  16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TK500 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TK500 Datasheet HTML 2Page - Texas Instruments TK500 Datasheet HTML 3Page - Texas Instruments TK500 Datasheet HTML 4Page - Texas Instruments TK500 Datasheet HTML 5Page - Texas Instruments TK500 Datasheet HTML 6Page - Texas Instruments TK500 Datasheet HTML 7Page - Texas Instruments TK500 Datasheet HTML 8Page - Texas Instruments TK500 Datasheet HTML 9Page - Texas Instruments TK500 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TS3L500
16BIT TO 8BIT SPDT GIGABIT LAN SWITCH
WITH LED SWITCH
SCDS212B − SEPTEMBER 2005 − REVISED APRIL 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V + 0.3 V, RL = 200 Ω, CL = 10 pF (unless otherwise noted) (see Figures 4 and 5)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP†
MAX
UNIT
tpd‡
A or B
B or A
0.25
ns
tPZH, tPZL
SEL
A or B
0.5
15
ns
tPHZ, tPLZ
SEL
A or B
0.9
9
ns
tsk(o)§
A or B
B or A
50
100
ps
tsk(p)¶
50
150
ps
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
‡ The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance when
driven by an ideal voltage source (zero output impedance).
§ Output skew between center port (A4 to A5) to any other port
¶ Skew between opposite transitions of the same output in a given device |tPHL − tPLH|
dynamic characteristics over recommended operating free-air temperature range,
VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP†
UNIT
XTALK
RL = 100 Ω,
f = 250 MHz,
See Figure 8
−37
dB
OIRR
RL = 100 Ω,
f = 250 MHz,
See Figure 9
−37
dB
BW
RL = 100 Ω,
See Figure 7
1100
MHz
† All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.


Similar Part No. - TK500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TK500AE TI-TK500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
More results

Similar Description - TK500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
logo
Texas Instruments
TS3L301 TI-TS3L301 Datasheet
252Kb / 16P
[Old version datasheet]   16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
TS3L301 TI-TS3L301_07 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
   16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
November 2011 Rev 3
logo
Texas Instruments
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com