Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BUJ304A Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BUJ304A
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 4 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ304A
Fig.7. Normalised power dissipation.
PD% = 100
⋅PD/PD
25˚C = f (Ths)
Fig.8. Typical DC current gain. h
FE = f(IC)
parameter V
CE
Fig.9. Collector-Emitter saturation voltage.
Solid lines = typ values, V
CEsat = f(IB); Tj=25˚C.
Fig.10. Base-Emitter saturation voltage.
Solid lines = typ values, V
BEsat = f(IC); at IC/IB =4.
Fig.11. Collector-Emitter saturation voltage.
Solid lines = typ values, V
CEsat = f(IC); at IC/IB =4.
Fig.12. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
0
20
40
60
80
100
120
140
Ths / C
%
Normalised Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
P tot
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
IC/A
VBEsat/V
0.01
0.1
1
10
1
10
100
IC/A
hfe
5V
1V
0.0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
IC/A
VCEsat/V
0.0
0.4
0.8
1.2
1.6
2.0
0.01
0.10
1.00
10.00
IB/A
VCEsat/V
IC=1A
IC=1A
2A
3A
4A
1E-06
1E-04
1E-02
1E+00
t / s
Zth / (K/W)
10
1
0.1
0.01
0
0.5
0.2
0.1
0.05
0.02
D =
t p
T
T
P
t
D
tp
D=
March 1999
4
Rev 1.000




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU1506DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2508AWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2520DWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2525DFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2708DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2730ALSilicon Diffused Power Transistor 1 2 3 4 NXP Semiconductors
BU4508DFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4525ALSilicon Diffused Power Transistor 1 2 3 4 NXP Semiconductors
BUJ105ABSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BUJ304AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl