Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BUJ304A Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BUJ304A
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 3 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ304A
Fig.1. Test circuit for V
CEOsust.
Fig.2. Oscilloscope display for V
CEOsust.
Fig.3. Test circuit resistive load. V
IM = -6 to +8 V
V
CC = 250 V; tp = 20 µs; δ = tp / T = 0.01.
R
B and RL calculated from ICon and IBon requirements.
Fig.4. Switching times waveforms with resistive load.
Fig.5. Test circuit inductive load.
V
CC = 300 V; -VBE = 5 V; LC = 200 uH; LB = 1 uH
Fig.6. Switching times waveforms with inductive load.
+ 50v
100-200R
Horizontal
Vertical
Oscilloscope
1R
6V
30-60 Hz
300R
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
IBon
-IBoff
ICon
tr
30ns
VCE / V
min
VCEOsust
IC / mA
10
100
250
0
LB
IBon
-VBB
LC
T.U.T.
VCC
tp
T
VCC
R
R
T.U.T.
0
VIM
B
L
IC
IB
ICon
IBon
-IBoff
t
t
ts
tf
toff
10 %
90 %
March 1999
3
Rev 1.000




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU1506DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2508AWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2520DWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2525DFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2708DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2730ALSilicon Diffused Power Transistor 1 2 3 4 NXP Semiconductors
BU4508DFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4525ALSilicon Diffused Power Transistor 1 2 3 4 NXP Semiconductors
BUJ105ABSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BUJ304AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl