Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BUJ304A Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. BUJ304A
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 1 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ304A
GENERAL DESCRIPTION
High-voltage, high-speed planar-passivated npn power switching transistor in TO220AB envelope intended for use
in high frequency electronic lighting ballast applications, converters, inverters, switching regulators, motor control
systems, etc.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1000
V
V
CBO
Collector-Base voltage (open emitter)
-
1000
V
V
CEO
Collector-emitter voltage (open base)
-
500
V
I
C
Collector current (DC)
-
6
A
I
CM
Collector current peak value
-
10
A
P
tot
Total power dissipation
T
mb ≤ 25 ˚C
-
100
W
V
CEsat
Collector-emitter saturation voltage
I
C = 4.0 A;IB = 0.8 A
0.3
1.0
V
h
FESAT
I
C = 4.0 A; VCE = 5 V
11
15
t
f
Fall time (Inductive)
I
C = 5.0 A; IB1 = 1.0 A
25
50
ns
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
tab
collector
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector to emitter voltage
V
BE = 0 V
-
1000
V
V
CEO
Collector to emitter voltage (open base)
-
500
V
V
CBO
Collector to base voltage (open emitter)
-
1000
V
I
C
Collector current (DC)
-
6
A
I
CM
Collector current peak value
-
10
A
I
B
Base current (DC)
-
3
A
I
BM
Base current peak value
-
6
A
P
tot
Total power dissipation
T
mb ≤ 25 ˚C
-
100
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Junction to mounting base
-
1.25
K/W
R
th j-a
Junction to ambient
in free air
60
-
K/W
12 3
tab
b
c
e
March 1999
1
Rev 1.000




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU1506DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2508AWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2520DWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2525DFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2708DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2730ALSilicon Diffused Power Transistor 1 2 3 4 NXP Semiconductors
BU4508DFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4525ALSilicon Diffused Power Transistor 1 2 3 4 NXP Semiconductors
BUJ105ABSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BUJ304AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl