Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BUJ304A Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BUJ304A
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 5 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ304A
Fig.13. Reverse bias safe operating area (T
j < Tjmax)
for -V
be = 5V,3V & 1V
Fig.14. Test circuit for reverse bias safe operating
area.
V
clamp < 1100V; Vcc = 150V; -Vbe = 5V,3V & 1V;
L
B = 1µH; LC = 200µH
300
400
500
600
700
800
900
1,000
1,100
0
1
2
3
4
5
6
7
8
9
10
11
VCE clamp (V)
IC/A
-5V
-3V
-1V
LB
IBon
-VBB
LC
T.U.T.
VCC
PROBE POINT
VCL(RBSOAR)
March 1999
5
Rev 1.000




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU1506DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2508AWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2520DWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2525DFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2708DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2730ALSilicon Diffused Power Transistor 1 2 3 4 NXP Semiconductors
BU4508DFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4525ALSilicon Diffused Power Transistor 1 2 3 4 NXP Semiconductors
BUJ105ABSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BUJ304AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl