Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPB581B Datasheet(PDF) 3 Page - NEC

Part # UPB581B
Description  DIVIDE- BY- 2 PRESCALER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB581B Datasheet(HTML) 3 Page - NEC

  UPB581B Datasheet HTML 1Page - NEC UPB581B Datasheet HTML 2Page - NEC UPB581B Datasheet HTML 3Page - NEC UPB581B Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL PERFORMANCE CURVES
20
10
0
-10
-20
-30
0
0.5
1
1.5
2
2.5
3
3.5
VCC = 5 V
TA = 85˚C
TA = 25˚C
TA = -20˚C
Frequency, f (GHz)
UPB581B
INPUT POWER vs. FREQUENCY AND
TEMPERATURE
UPB581C
INPUT POWER vs. FREQUENCY AND
TEMPERATURE
10
0
-10
-20
-30
-25
0
25
50
75
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
UPB581C
OUTPUT POWER vs.
TEMPERATURE AND VOLTAGE
UPB581C
CIRCUIT CURRENT vs.
TEMPERATURE AND VOLTAGE
80
60
40
20
0
-25
0
25
50
75
VCC = 5.5 V
VCC = 5.0 V
VCC = 4.5 V
Ambient Temperature, TA (
°C)
Ambient Temperature, TA (
°C)
20
10
0
-10
-20
-30
0
0.5
1
2
3
VCC = 5 V
TA = 75˚C
TA = 25˚C
TA = -25˚C
Frequency, f (GHz)
UPB581B, UPB581C


Similar Part No. - UPB581B

ManufacturerPart #DatasheetDescription
logo
NEC
UPB581A NEC-UPB581A Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
UPB581C NEC-UPB581C Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
More results

Similar Description - UPB581B

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
   Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
NEC
UPB584B NEC-UPB584B Datasheet
143Kb / 4P
   2.5GHz DIVIDE-BY-2 PRESCALER
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
logo
NEC
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
   DIVIDE-BY-4 PRESCALER
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
   Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com