Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB2507 Datasheet(PDF) 9 Page - SMSC Corporation

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2507 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button USB2507 Datasheet HTML 5Page - SMSC Corporation USB2507 Datasheet HTML 6Page - SMSC Corporation USB2507 Datasheet HTML 7Page - SMSC Corporation USB2507 Datasheet HTML 8Page - SMSC Corporation USB2507 Datasheet HTML 9Page - SMSC Corporation USB2507 Datasheet HTML 10Page - SMSC Corporation USB2507 Datasheet HTML 11Page - SMSC Corporation USB2507 Datasheet HTML 12Page - SMSC Corporation USB2507 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Integrated USB 2.0 Compatible 7-Port Hub
Datasheet
SMSC USB2507
9
Revision 2.1 (12-06-06)
DATASHEET
Chapter 4 7-Port Hub Block Diagram
Figure 4.1 7-Port Block Diagram
Table 4.1 7-Port Hub Pin Descriptions
NAME
SYMBOL
TYPE
FUNCTION
UPSTREAM USB 2.0 INTERFACE
USB Bus Data
USBDN0
USBDP0
IO-U
These pins connect to the upstream USB bus data signals.
Detect Upstream
VBUS Power
VBUS_DET
I/O12
Detects state of Upstream VBUS power. The SMSC Hub
monitors VBUS_DET to determine when to assert the
internal D+ pull-up resistor (signalling a connect event).
When designing a detachable hub, this pin must be
connected to the VBUS power pin of the USB port that is
upstream of the hub. (Use of a weak pull-down resistor is
recommended.)
For self-powered applications with a permanently attached
host, this pin must be pulled-up to either 3.3V or 5.0V
(typically VDD33).
Upstream
V
BUS
Upstream
PHY
Upstream
USB Data
Repeater
Controller
SIE
Serial
Interface
PLL
24 MHz
Crystal
To
EEPROM
or SMBus
Master
Routing Logic
SCL
SD
TT
#1
TT
#2
...
TT
#7
Port
Controller
Downstream
PHY #1
Port #1
OC Sense
Switch Driver
LED Drivers
Downstream
PHY #7
Port #7
OC Sense
Switch Driver
LED Drivers
...
Downstream
USB Data
OC
Sense
Switch/LED
Drivers
Downstream
USB Data
OC
Sense
Switch/LED
Drivers
V
BUS
Power
Detect
Pin
Strapping
Options
Internal
Defaults
Select
3.3V
1.8V
Reg.
1.8V
Cap


Similar Part No. - USB2507

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2507 SMSC-USB2507 Datasheet
610Kb / 44P
   Integrated USB 2.0 Compatible 7-Port Hub
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
   Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
logo
SMSC Corporation
USB2507-ADT SMSC-USB2507-ADT Datasheet
610Kb / 44P
   Integrated USB 2.0 Compatible 7-Port Hub
logo
Microchip Technology
USB2507-ADT MICROCHIP-USB2507-ADT Datasheet
376Kb / 42P
   Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
logo
SMSC Corporation
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
   Integrated USB 2.0 Compatible 7-Port Hub
More results

Similar Description - USB2507

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2507 MICROCHIP-USB2507 Datasheet
376Kb / 42P
   Integrated USB 2.0 Compatible 7-Port Hub
06/23/16
logo
SMSC Corporation
USB2507 SMSC-USB2507_07 Datasheet
610Kb / 44P
   Integrated USB 2.0 Compatible 7-Port Hub
logo
Microchip Technology
USB2504 MICROCHIP-USB2504 Datasheet
446Kb / 42P
   Integrated USB 2.0 Compatible 4-Port Hub
06/23/16
USB2503 MICROCHIP-USB2503 Datasheet
725Kb / 42P
   Integrated USB 2.0 Compatible 3-Port Hub
06/23/16
logo
SMSC Corporation
USB2503-HZH SMSC-USB2503-HZH Datasheet
652Kb / 43P
   Integrated USB 2.0 Compatible 3-Port Hub
USB2504 SMSC-USB2504_07 Datasheet
596Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
USB2504 SMSC-USB2504_06 Datasheet
781Kb / 46P
   Integrated USB 2.0 Compatible 4-Port Hub
logo
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
logo
Tripp Lite. All Rights ...
U222007R TRIPPLITE-U222007R Datasheet
506Kb / 2P
   7-Port USB 2.0 Hi-Speed Hub
logo
List of Unclassifed Man...
U222-007-R ETC2-U222-007-R Datasheet
511Kb / 4P
   7-Port USB 2.0 Hi-Speed Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com