Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6217C082NR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6217C082NR
Description  HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217C082NR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6217C082NR Datasheet HTML 5Page - Torex Semiconductor XC6217C082NR Datasheet HTML 6Page - Torex Semiconductor XC6217C082NR Datasheet HTML 7Page - Torex Semiconductor XC6217C082NR Datasheet HTML 8Page - Torex Semiconductor XC6217C082NR Datasheet HTML 9Page - Torex Semiconductor XC6217C082NR Datasheet HTML 10Page - Torex Semiconductor XC6217C082NR Datasheet HTML 11Page - Torex Semiconductor XC6217C082NR Datasheet HTML 12Page - Torex Semiconductor XC6217C082NR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9/30
XC6217
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS -0.3 ~ +6.5
V
Output Current
IOUT
400 *1
mA
Output Voltage
VOUT
VSS – 0.3 ~ VIN + 0.3
V
CE/GO Input Voltage
VCE/VGO
VSS – 0.3 ~ +6.5
V
USP-4D
120
SOT-25
250
Power Dissipation
SSOT-24
Pd
150
mW
Operational Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ +125
BLOCK DIAGRAMS
XC6217A Series
XC6217B Series
ABSOLUTE MAXIMUM RATINGS
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.
Ta=25℃
*1: IOUT=Less than Pd / (VIN-VOUT)
XC6217C Series
XC6217D Series


Similar Part No. - XC6217C082NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217C082NR TOREX-XC6217C082NR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217C082NR-G TOREX-XC6217C082NR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6217C082NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A182MR-G TOREX-XC6217A182MR-G Datasheet
556Kb / 32P
   200mA High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com