Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1345YE-70-IND Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1345YE-70-IND
Description  1024k Nonvolatile SRAM with Battery Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1345YE-70-IND Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1345YE-70-IND Datasheet HTML 1Page - Maxim Integrated Products DS1345YE-70-IND Datasheet HTML 2Page - Maxim Integrated Products DS1345YE-70-IND Datasheet HTML 3Page - Maxim Integrated Products DS1345YE-70-IND Datasheet HTML 4Page - Maxim Integrated Products DS1345YE-70-IND Datasheet HTML 5Page - Maxim Integrated Products DS1345YE-70-IND Datasheet HTML 6Page - Maxim Integrated Products DS1345YE-70-IND Datasheet HTML 7Page - Maxim Integrated Products DS1345YE-70-IND Datasheet HTML 8Page - Maxim Integrated Products DS1345YE-70-IND Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DS1345Y/AB
4 of 12
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +6.0V
Operating Temperature Range
0°C to 70°C, -40°C to +85°C for IND parts
Storage Temperature Range
-40°C to +70°C, -40°C to +85°C for IND parts
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS1345AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1345Y Power Supply Voltage
VCC
4.5
5.0
5.5
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
0.8
V
DC ELECTRICAL
(VCC = 5V
±=5% for DS1345AB)
CHARACTERISTICS
(tA: See Note 10) (VCC = 5V
±=10% for DS1345Y)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current CE
≥ V
IH
≤ V
CC
IIO
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
14
Output Current @ 0.4V
IOL
2.0
mA
14
Standby Current CE = 2.2V
ICCS1
200
600
µA
Standby Current CE = VCC-0.5V
ICCS2
50
150
µA
Operating Current
ICCO1
85
mA
Write Protection Voltage (DS1345AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage (DS1345Y)
VTP
4.25
4.37
4.5
V
CAPACITANCE
(tA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
10
pF
Input/Output Capacitance
CI/O
5
10
pF


Similar Part No. - DS1345YE-70-IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1345Y DALLAS-DS1345Y Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
DS1345Y-70 DALLAS-DS1345Y-70 Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1345YL-100 DALLAS-DS1345YL-100 Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
DS1345YL-100-IND DALLAS-DS1345YL-100-IND Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
More results

Similar Description - DS1345YE-70-IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1345BL DALLAS-DS1345BL Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1345Y DALLAS-DS1345Y Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345Y MAXIM-DS1345Y_V01 Datasheet
193Kb / 10P
   1024k Nonvolatile SRAM with Battery Monitor
2010
logo
Dallas Semiconductor
DS1345W DALLAS-DS1345W Datasheet
249Kb / 12P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
logo
Dallas Semiconductor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com