Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16244-SL-R-ET-ELP-GY-6 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 16244-SL-R-ET-ELP-GY-6
Description  16 Character by 2 Line Alphanumeric LCD Assembly With Embedded Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

16244-SL-R-ET-ELP-GY-6 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 16244-SL-R-ET-ELP-GY-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 16244-SL-R-ET-ELP-GY-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 16244-SL-R-ET-ELP-GY-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 16244-SL-R-ET-ELP-GY-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 16244-SL-R-ET-ELP-GY-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 16244-SL-R-ET-ELP-GY-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 16244-SL-R-ET-ELP-GY-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 16244-SL-R-ET-ELP-GY-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers 16244-SL-R-ET-ELP-GY-6 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 16244
2. ELECTRICAL / OPTICAL CHARACTERISTICS
2.1 DC Electrical Characteristics (V
DD = +5V±10% , VSS = 0V, Ta = 25°C )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply voltage for logic
VDD
---
4.5
5.0
5.5
V
Supply current for logic
IDD
---
---
1.38
3
mA
0°C
---
5.10
---
V
25°C
---
4.50
---
V
Operating voltage for LCD*
VDD-VO
50°C
---
4.30
---
V
Input voltage ' H ' level
VIH
---
2.2
---
VDD
V
Input voltage ' L ' level
VIL
---
-0.3
---
0.6
V
*Note: -ET temp range will require up to maximun 8V biasing and require a minimum external voltage supply of -3V @-20°C.
2.2 AC Electrical Characteristics
• Write Mode
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Test pin
E cycle time
tC
500
---
---
ns
E
E rise time
tr
---
---
25
ns
E
E fall time
tf
---
---
25
ns
E
E pulse width (High, Low)
tW
220
---
---
ns
E
R/W and RS set-up time
tSU1
40
---
---
ns
R/W, RS
R/W and RS hold time
th1
10
---
---
ns
R/W, RS
Data set-up time
tSU2
60
---
---
ns
DB0 ~ DB7
Data hold time
th2
10
---
---
ns
DB0 ~ DB7
PACIFIC DISPLAY DEVICES
11.07.2005
6


Similar Part No. - 16244-SL-R-ET-ELP-GY-6

ManufacturerPart #DatasheetDescription
logo
Heyco.
16244 HEYCO-16244 Datasheet
150Kb / 2P
   Hook and Loop – Ties
More results

Similar Description - 16244-SL-R-ET-ELP-GY-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16215 ETC2-16215 Datasheet
169Kb / 14P
   16 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly
logo
DB Lectro Inc
20215 DBLECTRO-20215 Datasheet
202Kb / 1P
   20 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly, must be external
logo
New Japan Radio
NJU6635 NJRC-NJU6635 Datasheet
391Kb / 33P
   16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6420B NJRC-NJU6420B Datasheet
1Mb / 38P
   16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6470 NJRC-NJU6470 Datasheet
1Mb / 33P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER WITH KEYSCAN
NJU6631A NJRC-NJU6631A Datasheet
458Kb / 32P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6464 NJRC-NJU6464 Datasheet
1Mb / 41P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER??????
NJU6460A NJRC-NJU6460A Datasheet
1Mb / 34P
   16-CHARACTER 1-LINE DOT MATRIX LCD CONTROLLER DRIVER???
NJU6463 NJRC-NJU6463 Datasheet
1Mb / 42P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER????
NJU6637 NJRC-NJU6637 Datasheet
338Kb / 28P
   16-CHARACTER 3-LINE DOT MATRIX LCD CONTROLLER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com