Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32562J1155J Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # B32562J1155J
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32562J1155J Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  B32562J1155J Datasheet HTML 1Page - Siemens Semiconductor Group B32562J1155J Datasheet HTML 2Page - Siemens Semiconductor Group B32562J1155J Datasheet HTML 3Page - Siemens Semiconductor Group B32562J1155J Datasheet HTML 4Page - Siemens Semiconductor Group B32562J1155J Datasheet HTML 5Page - Siemens Semiconductor Group B32562J1155J Datasheet HTML 6Page - Siemens Semiconductor Group B32562J1155J Datasheet HTML 7Page - Siemens Semiconductor Group B32562J1155J Datasheet HTML 8Page - Siemens Semiconductor Group B32562J1155J Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Siemens Matsushita Components
55
MKT
7,5
Ordering codes and packing units, lead spacing 7,5 mm
VR
(
Vrms,
f
≤ 60 Hz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
63 Vdc
(40 Vac)
0,22
µF
2,5
× 5,2 × 9,0
B32560-J224-+
2)
2)
2500
0,33
µF
2,5
× 5,6 × 9,0
B32560-J334-+
2)
2)
2500
0,47
µF
2,6
× 5,8 × 9,0
B32560-J474-+***
3250
2600
2000
0,68
µF
3,2
× 6,2 × 9,0
B32560-J684-+***
2850
2300
1500
1,0
µF
4,0
× 6,8 × 9,0
B32560-J105-+***
2200
1800
1000
1,5
µF
5,1
× 7,6 × 9,0
B32560-J155-+***
1700
1400
500
2,2
µF
6,5
× 8,2 × 9,0
B32560-J225-+***
1300
1100
500
3,3
µF
8,5
× 9,1 × 9,0
B32560-J335-+
350
4,7
µF
9,8
× 11,0 × 9,0
B32560-J475-+
250
6,8
µF
11,5
× 13,3 × 9,0
B32560-J685-+
150
100 Vdc
(63 Vac)
0,10
µF
2,5
× 4,7 × 9,0
B32560-J1104-+
2)
2)
3000
0,15
µF
2,5
× 4,7 × 9,0
B32560-J1154-+
2)
2)
3000
0,22
µF
2,5
× 5,1 × 9,0
B32560-J1224-+*** 3400
2700
2000
0,33
µF
2,7
× 5,7 × 9,0
B32560-J1334-+*** 3100
2500
1500
0,47
µF
3,4
× 6,1 × 9,0
B32560-J1474-+*** 2500
2000
1200
0,68
µF
4,2
× 6,5 × 9,0
B32560-J1684-+*** 2000
1600
1000
1,0
µF
5,5
× 7,0 × 9,0
B32560-J1105-+*** 1600
1300
500
1,5
µF
6,7
× 8,2 × 9,0
B32560-J1155-+
400
2,2
µF
8,5
× 9,2 × 9,0
B32560-J1225-+
300
250 Vdc
(160 Vac)
33 nF
2,5
× 4,8 × 9,0
B32560-J3333-+
2)
2)
3000
47 nF
2,5
× 5,2 × 9,0
B32560-J3473-+*** 3500
2800
2300
68 nF
2,6
× 5,7 × 9,0
B32560-J3683-+*** 3400
2700
1700
0,10
µF
3,2
× 6,1 × 9,0
B32560-J3104-+*** 2650
2200
1200
0,15
µF
3,9
× 7,0 × 9,0
B32560-J3154-+*** 2150
1800
1000
0,22
µF
4,9
× 7,5 × 9,0
B32560-J3224-+*** 1750
1400
650
0,33
µF
6,4
× 8,2 × 9,0
B32560-J3334-+
500
1) Replace the + by the code letter for the required capacitance tolerance.
Replace the *** by the code number for the required packing: Ammo pack = 289, reel = 189
The ordering code for untaped components ends after the tolerance code letter.
2) Taping upon request
Capacitance tolerance:
± 20 % =ˆ M, ± 10 % =ˆ K, ± 5 % =ˆ J
Special dimensions available upon request. For corresponding design rules, refer to page 238.
B 32 560


Similar Part No. - B32562J1155J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32562J1225 EPCOS-B32562J1225 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32562J1335 EPCOS-B32562J1335 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32562J1155J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com