Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS7171010P Datasheet(PDF) 2 Page - Winbond

Part # WMS7171010P
Description  NON-VOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 100 TAPS WITHOUT / WITH OUTPUT BUFFER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7171010P Datasheet(HTML) 2 Page - Winbond

  WMS7171010P Datasheet HTML 1Page - Winbond WMS7171010P Datasheet HTML 2Page - Winbond WMS7171010P Datasheet HTML 3Page - Winbond WMS7171010P Datasheet HTML 4Page - Winbond WMS7171010P Datasheet HTML 5Page - Winbond WMS7171010P Datasheet HTML 6Page - Winbond WMS7171010P Datasheet HTML 7Page - Winbond WMS7171010P Datasheet HTML 8Page - Winbond WMS7171010P Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
WMS7170 / 7171
- 2 -
1. GENERAL DESCRIPTION
The WMS7170/7171 is a single channel 100-tap non-volatile linear digital potentiometer available in
10K
Ω, 50KΩ and 100KΩ resistance. The device consists of Up/Down serial interface, tap register,
decoder, resistor array, wiper switches, NV memory and control logics.
The WMS7170 device can be configured as a two-terminal variable resistor or a three-terminal voltage
divider without an output buffer, but the WMS7171 device, which has a built-in output buffer, can only
be configured as a three-terminal voltage divider. Both devices can be used in a wide variety of
applications.
The output of the potentiometer is determined by its wiper position, which varies linearly between its
end terminals, RA/VA and RB/VB. The wiper position, Rw/Vw, is controlled by Up/Down serial interface
( CS , INC and U/ D ) through the Tap Register (TR). In addition, the wiper position can also be
stored into a non-volatile memory location (NVMEM0), which is then automatically recalled upon
power up.
2. FEATURES
Drop-in replacement for many popular parts
Single linear-taper channel
100 taps
10K, 50K and 100K end-to-end resistance
VSS to VDD terminal voltages
Automatic recall of wiper position when power-on
Potentiometer control through Up/Down (3-wire) serial interface
Endurance 100,000 cycles
Data retention 100 years
Package options:
-
8-pin PDIP, SOIC or MSOP
Industrial temperature range: -40° to 85°C
Single supply operation : 2.7V to 5.5V


Similar Part No. - WMS7171010P

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7171010P WINBOND-WMS7171010P Datasheet
382Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
More results

Similar Description - WMS7171010P

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7140 WINBOND-WMS7140 Datasheet
309Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE, 10KOHM, 50KOHM, 100KOHM RESISTANCE 16 TAPS WITH OPTIONAL OUTPUT BUFFER
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7170 WINBOND-WMS7170_05 Datasheet
382Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7130 WINBOND-WMS7130 Datasheet
382Kb / 23P
   NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
ON Semiconductor
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
logo
ON Semiconductor
CAT5269WI-50 ONSEMI-CAT5269WI-50 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com