Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6217A09BMR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6217A09BMR
Description  HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217A09BMR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6217A09BMR Datasheet HTML 4Page - Torex Semiconductor XC6217A09BMR Datasheet HTML 5Page - Torex Semiconductor XC6217A09BMR Datasheet HTML 6Page - Torex Semiconductor XC6217A09BMR Datasheet HTML 7Page - Torex Semiconductor XC6217A09BMR Datasheet HTML 8Page - Torex Semiconductor XC6217A09BMR Datasheet HTML 9Page - Torex Semiconductor XC6217A09BMR Datasheet HTML 10Page - Torex Semiconductor XC6217A09BMR Datasheet HTML 11Page - Torex Semiconductor XC6217A09BMR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8/30
XC6217 Series
MARK
PRODUCT SERIES
1
XC6217xxxxxx
MARK
TYPE OF REGULATORS
PRODUCT SERIES
A
CE High Active, without CL-Discharge
XC6217Axxxxx
B
CE High Active, with CL-Discharge
XC6217Bxxxxx
MARK
VOLTAGE (V)
PRODUCT SERIES
3
3.x
XC6217x3xxGx
5
5.x
XC6217x5xxGx
MARK
VOLTAGE(V)
PRODUCT
SEIRES
MARK
VOLTAGE (V)
PRODUCT
SEIRES
0
x.0
XC6217xx02/1Gx
A
x.05
XC6217xx0A/1Gx
1
x.1
XC6217xx12/1Gx
B
x.15
XC6217xx1A/1Gx
2
x.2
XC6217xx22/1Gx
C
x.25
XC6217xx2A/1Gx
3
x.3
XC6217xx32/1Gx
D
x.35
XC6217xx3A/1Gx
4
x.4
XC6217xx42/1Gx
E
x.45
XC6217xx4A/1Gx
5
x.5
XC6217xx52/1Gx
F
x.55
XC6217xx5A/1Gx
6
x.6
XC6217xx62/1Gx
H
x.65
XC6217xx6A/1Gx
7
x.7
XC6217xx72/1Gx
K
x.75
XC6217xx7A/1Gx
8
x.8
XC6217xx82/1Gx
L
x.85
XC6217xx8A/1Gx
9
x.9
XC6217xx92/1Gx
M
x.95
XC6217xx9A/1Gx
MARKING RULE
USP-4D
⑤⑥
Represents production lot number
01 to 09, 10 to 99, 0A~ 0Z, 1A in order. (G, I, J, O, Q, W excepted)
Note: No character inversion used.
Represents product series
Represents type of regulators
Represents integer number of output voltage
ex.)
Represents decimal point of output voltage
USP-4D
(TOP VIEW)


Similar Part No. - XC6217A09BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217A0817R-G TOREX-XC6217A0817R-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A081GR TOREX-XC6217A081GR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A081GR-G TOREX-XC6217A081GR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A081MR TOREX-XC6217A081MR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A081MR-G TOREX-XC6217A081MR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6217A09BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A182MR-G TOREX-XC6217A182MR-G Datasheet
556Kb / 32P
   200mA High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com