Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS410 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS410
Description  Memory Programming Specification
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS410 Datasheet HTML 3Page - Microchip Technology HCS410 Datasheet HTML 4Page - Microchip Technology HCS410 Datasheet HTML 5Page - Microchip Technology HCS410 Datasheet HTML 6Page - Microchip Technology HCS410 Datasheet HTML 7Page - Microchip Technology HCS410 Datasheet HTML 8Page - Microchip Technology HCS410 Datasheet HTML 9Page - Microchip Technology HCS410 Datasheet HTML 10Page - Microchip Technology HCS410 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41256A-page 7
HCSXXX
TABLE 2-6:
HCS360 12 X 16-BIT EEPROM MEMORY MAP
TABLE 2-7:
HCS361 12 X 16-BIT EEPROM MEMORY MAP
Word Address
Mnemonic
Description
0x00
KEY_0
Word 0 (LSb's) of 64-bit crypt key
0x01
KEY_1
Word 1 of 64-bit crypt key
0x02
KEY_2
Word 2 of 64-bit crypt key
0x03
KEY_3
Word 3 (MSb's) of 64-bit crypt key
0x04
SYNC_A
16-bit synchronization value A
0x05
SYNC_B
16-bit synchronization value B or Seed Value (Word 2)
0x06
Reserved
Set to 0x0000
0x07
SEED_0
Word 0 (LSb's) of 32-bit seed value
0x08
SEED_1
Word 1 (MSb's) of 32-bit seed value
0x09
SER_0
Word 0 (LSb's) of 32-bit serial number
0x0A
SER_1
Word 1 (MSb's) of 32-bit serial number
0x0B
CONFIG
Configuration Word
Word Address
Mnemonic
Description
0x00
KEY_0
Word 0 (LSb's) of 64-bit crypt key
0x01
KEY_1
Word 1 of 64-bit crypt key
0x02
KEY_2
Word 2 of 64-bit crypt key
0x03
KEY_3
Word 3 (MSb's) of 64-bit crypt key
0x04
SYNC_A
16-bit synchronization value A
0x05
SYNC_B/SEED_2
16-bit synchronization value B or Seed Value (Word 2)
0x06
Reserved
Set to 0x0000
0x07
SEED_0
Word 0 (LSb's) of 32-bit seed value
0x08
SEED_1
Word 1 (MSb's) of 32-bit seed value
0x09
SER_0
Word 0 (LSb's) of 32-bit serial number
0x0A
SER_1
Word 1 (MSb's) of 32-bit serial number
0x0B
CONFIG
Configuration Word


Similar Part No. - HCS410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS410 MICROCHIP-HCS410 Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS410 MICROCHIP-HCS410 Datasheet
1Mb / 46P
   KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
2011
HCS410-IP MICROCHIP-HCS410-IP Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS410-IP MICROCHIP-HCS410-IP Datasheet
481Kb / 36P
   KEELOQ짰 Code Hopping Encoder and Transponder
2001
More results

Similar Description - HCS410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
   FLASH Memory Programming Specification
2002
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
   EPROM Memory Programming Specification
1996
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
   EEPROM Memory Programming Specification
1996
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
   EPROM Memory Programming Specification
2001
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
   EEPROM Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
   Flash Memory Programming Specification
2002 - 2003
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
   Flash Memory Programming Specification
11/29/11 2012
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
   Flash Memory Programming Specification
03/26/09 2009
PIC16LF145X MICROCHIP-PIC16LF145X Datasheet
495Kb / 38P
   PIC16(L)F145X Memory Programming Specification
11/29/11 2011-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com