Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRL3705NLPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRL3705NLPBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3705NLPBF Datasheet(HTML) 4 Page - International Rectifier

  IRL3705NLPBF Datasheet HTML 1Page - International Rectifier IRL3705NLPBF Datasheet HTML 2Page - International Rectifier IRL3705NLPBF Datasheet HTML 3Page - International Rectifier IRL3705NLPBF Datasheet HTML 4Page - International Rectifier IRL3705NLPBF Datasheet HTML 5Page - International Rectifier IRL3705NLPBF Datasheet HTML 6Page - International Rectifier IRL3705NLPBF Datasheet HTML 7Page - International Rectifier IRL3705NLPBF Datasheet HTML 8Page - International Rectifier IRL3705NLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRL3705NS/LPbF
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
1000
2000
3000
4000
5000
6000
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
3
6
9
12
15
0
20
40
60
80
100
120
140
Q , Total Gate Charge (nC)
G
A
FOR TEST CIRCUIT
SEE FIGURE 13
I
= 46A
V
= 44V
V
= 28V
D
DS
DS
10
100
1000
0.4
0.8
1.2
1.6
2.0
2.4
2.8
T = 25°C
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
T = 175°C
J
1
10
100
1000
1
10
100
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
10µs
100µs
1ms
10ms
A
T
= 25°C
T
= 175°C
Single Pulse
C
J


Similar Part No. - IRL3705NLPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRL3705NL ISC-IRL3705NL Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IRL3705NLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com