Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1345ABC-70 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1345ABC-70
Description  1024k Nonvolatile SRAM with Battery Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1345ABC-70 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1345ABC-70 Datasheet HTML 1Page - Maxim Integrated Products DS1345ABC-70 Datasheet HTML 2Page - Maxim Integrated Products DS1345ABC-70 Datasheet HTML 3Page - Maxim Integrated Products DS1345ABC-70 Datasheet HTML 4Page - Maxim Integrated Products DS1345ABC-70 Datasheet HTML 5Page - Maxim Integrated Products DS1345ABC-70 Datasheet HTML 6Page - Maxim Integrated Products DS1345ABC-70 Datasheet HTML 7Page - Maxim Integrated Products DS1345ABC-70 Datasheet HTML 8Page - Maxim Integrated Products DS1345ABC-70 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
032904
FEATURES
10 years minimum data retention in the
absence of external power
Data is automatically protected during power
loss
Power supply monitor resets processor when
VCC power loss occurs and holds processor in
reset during VCC ramp-up
Battery monitor checks remaining capacity
daily
Read and write access times as fast as 70ns
Unlimited write cycle endurance
Typical standby current 50
µA
Upgrade for 128k x 8 SRAM, EEPROM or
Flash
Lithium battery is electrically disconnected to
retain freshness until power is applied for the
first time
Full
±10% V
CC operating range (DS1345Y)
or optional
±5% V
CC operating range
(DS1345AB)
Optional industrial temperature range of
-40
°C to +85°C, designated IND
PowerCap Module (PCM) package
-
Directly surface-mountable module
-
Replaceable snap-on PowerCap provides
lithium backup battery
-
Standardized pinout for all nonvolatile
(NV) SRAM products
-
Detachment feature on PowerCap allows
easy removal using a regular screwdriver
PIN ASSIGNMENT
PIN DESCRIPTION
A0 – A16
- Address Inputs
DQ0 – DQ7
- Data In/Data Out
CE
- Chip Enable
WE
- Write Enable
OE
- Output Enable
RST
- Reset Output
BW
- Battery Warning Output
VCC
- Power (+5V)
GND
- Ground
NC
- No Connect
DESCRIPTION
The DS1345 1024k NV SRAMs are 1,048,576-bit, fully static, NV SRAMs organized as 131,072 words
by 8 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry which
constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium
energy source is automatically switched on and write protection is unconditionally enabled to prevent
data corruption. Additionally, the DS1345 devices have dedicated circuitry for monitoring the status of
VCC and the status of the internal lithium battery. DS1345 devices in the PowerCap module package are
directly surface mountable and are normally paired with a DS9034PC PowerCap to form a complete NV
SRAM module. The devices can be used in place of 128k x 8 SRAM, EEPROM, or Flash components.
DS1345Y/AB
1024k Nonvolatile SRAM
with Battery Monitor
www.maxim-ic.com
1
BW
2
3
A15
A16
RST
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
NC
A14
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
NC
GND
VBAT
34-Pin PowerCap Module (PCM)
(Uses DS9034PC PowerCap)


Similar Part No. - DS1345ABC-70

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1345AB-100 DALLAS-DS1345AB-100 Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
DS1345AB-70 DALLAS-DS1345AB-70 Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
DS1345ABP-100-IND DALLAS-DS1345ABP-100-IND Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345ABP-70++ MAXIM-DS1345ABP-70+ Datasheet
193Kb / 10P
   1024k Nonvolatile SRAM with Battery Monitor
2010
logo
Dallas Semiconductor
DS1345ABP-70-IND DALLAS-DS1345ABP-70-IND Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
More results

Similar Description - DS1345ABC-70

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1345BL DALLAS-DS1345BL Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1345Y DALLAS-DS1345Y Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345Y MAXIM-DS1345Y_V01 Datasheet
193Kb / 10P
   1024k Nonvolatile SRAM with Battery Monitor
2010
logo
Dallas Semiconductor
DS1345W DALLAS-DS1345W Datasheet
249Kb / 12P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
logo
Dallas Semiconductor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com