Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5311R10T2L.50SL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 5311R10T2L.50SL
Description  1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5311R10T2L.50SL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  5311R10T2L.50SL Datasheet HTML 1Page - List of Unclassifed Manufacturers 5311R10T2L.50SL Datasheet HTML 2Page - List of Unclassifed Manufacturers 5311R10T2L.50SL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2
2-45
Model 5311
ORDERING INFORMATION
5311 R 10K T2 L .50 XX
Model Series
Resistance Prefix
Resistance Value
Optional Special
Feature Code
Linearity
Optional
Non-Standard Tolerance
OUTLINE DIMENSIONS (Inch/mm)
CCW
Slider
CT
CW
CT When Specified
1.312
±.016
33.33
±0.41
.375
±.016
9.53
±0.41
.062
±.016
1.58
±0.41
.734
±.016
18.6
±0.41
.891
±.031
22.6
±0.79
Mounting Surface
.875
±.031
22.2
±0.79
.062
±.016
1.58
±0.41
+.0000
-.0003
+0.000
-0.008
.2497
6.342
Dia.
+.000
-.002
+0.00
-0.05
.406
10.3
Dia.
Chamfer .016
0.41
Max. x 45
°
3/8-32 UNEF Thread
Locating Lug:
.125
±.005
3.18
±0.13
Dia.
.562
±.016
14.3
±0.41
.031
±.016
0.79
±0.41
(CCW)
(S)
(CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to
the same number of significant figures as in the original
English units and are provided for general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches
(.25mm)
Angular = ± 2 degrees
NOTES
mm
INCH
CIRCUIT DIAGRAM
SPECIAL FEATURES
Center Tap
CT
Linearity Tape
LT
Flatted Shaft
FS
Slotted Shaft
SS
Shaft Lock
SL
Stop
ST


Similar Part No. - 5311R10T2L.50SL

ManufacturerPart #DatasheetDescription
logo
Bi technologies
5311 BITECH-5311 Datasheet
77Kb / 3P
   Precision Potentiometer
logo
TT Electronics.
5311 TTELEC-5311 Datasheet
687Kb / 3P
   Single-Turn Precision Potentiometer
logo
Festo Corporation.
531101 FESTO-531101 Datasheet
95Kb / 1P
   Air preparation combination unit
1/27/22
logo
Aavid, Thermal Division...
531102B00000 AAVID-531102B00000 Datasheet
81Kb / 2P
   For use with TO-220 packages
531102B02500 AAVID-531102B02500 Datasheet
81Kb / 2P
   For use with TO-220 packages
More results

Similar Description - 5311R10T2L.50SL

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
MODEL100 VISHAY-MODEL100 Datasheet
289Kb / 4P
   1 5/16 (33.3 mm) Single Turn Wirewound Precision Potentiometer
Revision: 28-Jun-07
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
7480 BITECH-7480 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7481 BITECH-7481 Datasheet
293Kb / 4P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com