Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6217B10AMR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6217B10AMR
Description  HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217B10AMR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6217B10AMR Datasheet HTML 1Page - Torex Semiconductor XC6217B10AMR Datasheet HTML 2Page - Torex Semiconductor XC6217B10AMR Datasheet HTML 3Page - Torex Semiconductor XC6217B10AMR Datasheet HTML 4Page - Torex Semiconductor XC6217B10AMR Datasheet HTML 5Page - Torex Semiconductor XC6217B10AMR Datasheet HTML 6Page - Torex Semiconductor XC6217B10AMR Datasheet HTML 7Page - Torex Semiconductor XC6217B10AMR Datasheet HTML 8Page - Torex Semiconductor XC6217B10AMR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/30
XC6217 Series
PIN NUMBER
USP-4D
SOT-25
SSOT-24
PIN NAME
FUNCTIONS
4
1
4
VIN
Power Input
1
5
3
VOUT
Output
2
4
-
GO
Green Operation Mode Switch
5
2
2
VSS
Ground
3
3
1
CE
ON/OFF Control
* XC6217A/B type: USP-4D package
XC6217A/B type: SOT-25 package
XC6217C/D type: SSOT-24 package
PIN CONFIGURATION
PIN ASSIGNMENT
SOT-25
(TOP VIEW)
SSOT-24
(TOP VIEW)
USP-4D
(BOTTOM VIEW)
1
23
4
CE
VIN
VOUT
GO
5
VSS
12
3
4
5
VOUT
GO
VIN
VSS
CE
12
3
4
VIN
VOUT
CE
VSS


Similar Part No. - XC6217B10AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217B0817R-G TOREX-XC6217B0817R-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081GR TOREX-XC6217B081GR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081GR-G TOREX-XC6217B081GR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081MR TOREX-XC6217B081MR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081MR-G TOREX-XC6217B081MR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6217B10AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A182MR-G TOREX-XC6217A182MR-G Datasheet
556Kb / 32P
   200mA High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com