Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80RIA80 Datasheet(PDF) 7 Page - International Rectifier

Part # 80RIA80
Description  PHASE CONTROL THYRISTORS Stud Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80RIA80 Datasheet(HTML) 7 Page - International Rectifier

  80RIA80 Datasheet HTML 1Page - International Rectifier 80RIA80 Datasheet HTML 2Page - International Rectifier 80RIA80 Datasheet HTML 3Page - International Rectifier 80RIA80 Datasheet HTML 4Page - International Rectifier 80RIA80 Datasheet HTML 5Page - International Rectifier 80RIA80 Datasheet HTML 6Page - International Rectifier 80RIA80 Datasheet HTML 7Page - International Rectifier 80RIA80 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
80RIA Series
7
Bulletin I25201 rev. B 03/03
www.irf.com
Fig. 7 - On-state Voltage Drop Characteristics
1
10
100
1000
10000
0.5
1
1.52
2.53
3.5
4
4.5
5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
80RIA Series
Fig. 8 - Thermal Impedance Z
thJC
Characteristics
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Sq uare Wave Pulse Duration (s)
80RIA Series
Steady State Value
R
= 0.30 K/ W
(DC Operation)
thJC
Fig. 9 - Gate Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1)
(2)
(3)
Instantaneous Gate Current (A)
Rectangular gate pulse
a) Recommended load line for
b) Recommended load line for
Frequency Limited by PG(AV)
tr<=1 µs
rated di/ dt : 20V, 30ohms; tr<=0.5 µs
<=30%rated di/ dt : 20V, 65ohms
(1) PGM = 100W, tp = 500µs
(2) PGM = 50W, tp = 1ms
(3) PGM = 20W, tp = 2.5ms
(4) PGM = 10W, tp = 5ms
Device: 80RIA Series
(4)


Similar Part No. - 80RIA80

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
80RIA80 NJSEMI-80RIA80 Datasheet
53Kb / 1P
   20 STERN ave.
logo
Vishay Siliconix
80RIA80MPBF VISHAY-80RIA80MPBF Datasheet
139Kb / 7P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 11-Aug-08
80RIA80MPBF VISHAY-80RIA80MPBF Datasheet
160Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
80RIA80PBF VISHAY-80RIA80PBF Datasheet
139Kb / 7P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 11-Aug-08
80RIA80PBF VISHAY-80RIA80PBF Datasheet
160Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
More results

Similar Description - 80RIA80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com