Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTS6-NP Datasheet(PDF) 3 Page - LEM

Part # LTS6-NP
Description  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LTS6-NP Datasheet(HTML) 3 Page - LEM

  LTS6-NP Datasheet HTML 1Page - LEM LTS6-NP Datasheet HTML 2Page - LEM LTS6-NP Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LEM Components
www.lem.com
Page 3/3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
050713/14
Output Voltage - Primary Current
Mechanical characteristics
General tolerance
± 0.2 mm
Fastening & connection of primary
6 pins 0.8 x 0.8 mm
Recommended PCB hole
1.3 mm
Fastening & connection of secondary 3 pins 0.5 x 0.35 mm
Recommended PCB hole
0.8 mm
Additional primary through-hole
∅ 3.2 mm
Remarks
V
OUT is positive when IP flows from terminals 1, 2, 3 to
terminals 6, 5, 4.
Temperature of the primary jumper should not exceed 100°C.
Bottom view
Right view
Operation principle
Back view
Front view
Dimensions LTS 6-NP (in mm. 1 mm = 0.0394 inch)
Number
Primary nominal
Nominal
Primary
Primary
Recommended
of primary
r.m.s. current
output voltage
resistance
insertion inductance
connections
turns
I
PN
[ A ]
V
OUT
[ V ]
R
P
[ m
Ω ]
L
P
[ µH ]
1
± 6
2.5 ± 0.625
0.18
0.013
2
± 3
2.5 ± 0.625
0.81
0.05
3
± 2
2.5 ± 0.625
1.62
0.12
6
5
4
OUT
IN
1
2
3
6
5
4
OUT
IN
1
2
3
6
5
4
OUT
IN
1
2
3
- I
Pmax
- I
PN
0
I
PN
I
Pmax
5
4.5
3.125
2.5
1.875
0.5
I
P [ At ]
V
OUT [ V ]


Similar Part No. - LTS6-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LTS6-NP LEM-LTS6-NP Datasheet
178Kb / 3P
   Current Transducer
LTS6-NP LEM-LTS6-NP_06 Datasheet
178Kb / 3P
   Current Transducer
LTS6-NP LEM-LTS6-NP_10 Datasheet
512Kb / 3P
   Current Transducer
More results

Similar Description - LTS6-NP

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com