Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7705201FA Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 7705201FA
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

7705201FA Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 7705201FA Datasheet HTML 3Page - Vishay Siliconix 7705201FA Datasheet HTML 4Page - Vishay Siliconix 7705201FA Datasheet HTML 5Page - Vishay Siliconix 7705201FA Datasheet HTML 6Page - Vishay Siliconix 7705201FA Datasheet HTML 7Page - Vishay Siliconix 7705201FA Datasheet HTML 8Page - Vishay Siliconix 7705201FA Datasheet HTML 9Page - Vishay Siliconix 7705201FA Datasheet HTML 10Page - Vishay Siliconix 7705201FA Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
www.vishay.com
S FaxBack 408-970-5600
5-9
TEST CIRCUITS
FIGURE 8. Insertion Loss
FIGURE 9. Source Drain Capacitance
RL
1 k
W
A2
VO
D
Rg = 50 W
Insertion Loss = 20 log
VOUT
A1
VIN
A0
VS
S1
V+
GND
V–
–15 V
+15 V
EN
f = 1 MHz
S1
D
EN
+15 V
–15 V
GND
V+
V–
Meter
HP4192A
Impedance
Analyzer
or Equivalent
S8
A1
A2
A0
Channel
Select
APPLICATIONSa
V+
Positive Supply
Voltage
(V)
V–
Negative Supply
Voltage
(V)
VIN
Logic Input Voltage
VINH(min)/VINL(max)
(V)
VS or VD
Analog Voltage
Range
(V)
15
10
12
8b
–15
–12
–10
–8
2.4/0.8
2.4/0.8
2.4/0.6
2.4/0.4
–15 to 15
–12 to 12
–10 to 10
–8 to 8
Notes:
a.
Application Hints are for DESIGN AID ONLY, not guaranteed and not subject to production testing.
b.
Operation below
"8 V is not recommended.
Overvoltage Protection
A very convenient form of overvoltage protection consists of
adding two small signal diodes (1N4148, 1N914 type) in series
with the supply pins (see Figure 11). This arrangement
effectively blocks the flow of reverse currents. It also floats the
supply pin above or below the normal V+ or V– value. In this
case the overvoltage signal actually becomes the power
supply of the IC. From the point of view of the chip, nothing has
changed, as long as the difference between VS and the V– rail
doesn’t exceed +44 V. The addition of these diodes will reduce
the analog signal range to 1 V below V+ and 1 V above V–, but
it preserves the low channel resistance and low leakage
characteristics.
1N4148
DG508A_MIL
D
–15 V
1N4148
V+ v Vg v V–
SX
Vg
V+
V–
+15 V
FIGURE 10. Overvoltage Protection Using Blocking Diodes
Internal
Junction
Internal
Junction


Similar Part No. - 7705201FA

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
770520 KATHREIN-770520 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - 7705201FA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG506A-MIL VISHAY-DG506A-MIL Datasheet
93Kb / 8P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
DG506AMIL VISHAY-DG506AMIL Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
DG506A_MIL VISHAY-DG506A_MIL_V01 Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
18-Jul-08
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com