Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT163TQB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT163TQB
Description  FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163TQB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT163TQB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163TQB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163TQB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163TQB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163TQB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163TQB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163TQB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
IDT54/74FCT163T/AT/CT
FASTCMOSSYNCHRONOUSPRESETTABLEBINARYCOUNTER
MILITARYANDINDUSTRIALTEMPERATURERANGES
AUGUST 2000
1999
Integrated Device Technology, Inc.
DSC-5503/-
c
IDT54/74FCT163T/AT/CT
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
FAST CMOS
SYNCHRONOUS
PRESETTABLE
BINARY COUNTER
DESCRIPTION:
The FCT163T is a high-speed synchronous modulo-16 binary counter
built using an advanced dual metal CMOS technology. They are synchro-
nously presettable for application in programmable dividers and have two
types of count enable inputs plus a terminal count output for versatility in
forming synchronous multi-stage counters. The FCT163T has Synchro-
nous Reset inputs that override counting and parallel loading and allow the
outputs to be simultaneously reset on the rising edge of the clock.
FUNCTIONAL BLOCK DIAGRAM
Q 0
D CP
D
Q
Q
C D
CP
DETAIL
A
DETAIL
A
DETAIL
A
PE
CEP
CET
CP
SR
Q 0
Q 1
Q 2
Q 3
Q 0
DETAIL A
P 0
P 1
P 2
P 3
TC
CP
FEATURES:
− Std., A and C speed grades
− Low input and output ≤1µA (max.)
− CMOS power levels
− True TTL input and output compatibility
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
− High drive outputs (-15mA IOH, 48mA IOL)
− Meets or exceeds JEDEC standard 18 specifications
− Military product compliant to MIL-STD-883, Class B and DESC
listed (dual marked)
− Power off disable outputs permit “live insertion”
− Available in the following packages:
Industrial: SOIC, QSOP
Military: CERDIP, LCC, CERPACK


Similar Part No. - IDT74FCT163TQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163TQB IDT-IDT74FCT163TQB Datasheet
94Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
More results

Similar Description - IDT74FCT163TQB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT161AT IDT-IDT74FCT161AT Datasheet
70Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com