Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32563J6334K Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # B32563J6334K
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32563J6334K Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button B32563J6334K Datasheet HTML 7Page - Siemens Semiconductor Group B32563J6334K Datasheet HTML 8Page - Siemens Semiconductor Group B32563J6334K Datasheet HTML 9Page - Siemens Semiconductor Group B32563J6334K Datasheet HTML 10Page - Siemens Semiconductor Group B32563J6334K Datasheet HTML 11Page - Siemens Semiconductor Group B32563J6334K Datasheet HTML 12Page - Siemens Semiconductor Group B32563J6334K Datasheet HTML 13Page - Siemens Semiconductor Group B32563J6334K Datasheet HTML 14Page - Siemens Semiconductor Group B32563J6334K Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Siemens Matsushita Components
63
MKT
7,5
Permissible ac voltage
Vrms versus frequency f
Lead spacing 7,5 mm
63 Vdc/ 40 Vac
100 Vdc/ 63 Vac
250Vdc/ 160Vac
400 Vdc/ 200 Vac
Vac
Vrms
Vac
Vrms
Vac
Vrms
Vac
Vrms
B 32 560


Similar Part No. - B32563J6334K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32563J6105 EPCOS-B32563J6105 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32563J6155 EPCOS-B32563J6155 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32563J6225 EPCOS-B32563J6225 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32563J6334K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com