Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA06-600TWRG Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTA06-600TWRG
Description  6A TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA06-600TWRG Datasheet(HTML) 5 Page - STMicroelectronics

  BTA06-600TWRG Datasheet HTML 1Page - STMicroelectronics BTA06-600TWRG Datasheet HTML 2Page - STMicroelectronics BTA06-600TWRG Datasheet HTML 3Page - STMicroelectronics BTA06-600TWRG Datasheet HTML 4Page - STMicroelectronics BTA06-600TWRG Datasheet HTML 5Page - STMicroelectronics BTA06-600TWRG Datasheet HTML 6Page - STMicroelectronics BTA06-600TWRG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BTA06 and BTB06 Series
5/7
Figure 11: Ordering Information Scheme
Table 7: Product Selector
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA/BTB06-xxxB
X
X
50 mA
Standard
TO-220AB
BTA/BTB06-xxxBW
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB06-xxxC
X
X
25 mA
Standard
TO-220AB
BTA/BTB06-xxxCW
X
X
35 mA
Snubberless
TO-220AB
BTA/BTB06-xxxSW
X
X
10 mA
Logic level
TO-220AB
BTA/BTB06-xxxTW
X
X
5 mA
Logic Level
TO-220AB
BTB: non insulated TO-220AB package
BT A 06 - 600 BW (RG)
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
06 = 6A
600 = 600V
800 = 800V
B = 50mA Standard
BW = 50mA Snubberless
C = 25mA Standard
CW = 35mA
RG = Tube
Snubberless
SW = 10mA Logic Level
TW = 5mA Logic Level


Similar Part No. - BTA06-600TWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA06-600TWRG STMICROELECTRONICS-BTA06-600TWRG Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
More results

Similar Description - BTA06-600TWRG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
   6A TRIACS
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com