Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8291SETTR-TB Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A8291SETTR-TB
Description  Single LNB Supply and Control Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8291SETTR-TB Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A8291SETTR-TB Datasheet HTML 4Page - Allegro MicroSystems A8291SETTR-TB Datasheet HTML 5Page - Allegro MicroSystems A8291SETTR-TB Datasheet HTML 6Page - Allegro MicroSystems A8291SETTR-TB Datasheet HTML 7Page - Allegro MicroSystems A8291SETTR-TB Datasheet HTML 8Page - Allegro MicroSystems A8291SETTR-TB Datasheet HTML 9Page - Allegro MicroSystems A8291SETTR-TB Datasheet HTML 10Page - Allegro MicroSystems A8291SETTR-TB Datasheet HTML 11Page - Allegro MicroSystems A8291SETTR-TB Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Single LNB Supply and Control Voltage Regulator
A8291
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
been removed. Consecutive startup attempts should allow at least
2 s of delay between restarts.
In-Rush Current
At start-up or during an LNB reconfiguration event, a tran-
sient surge current above the normal DC operating level can be
provided by the A8291. This current increase can be as high as
600 mA, typical, for as long as required, up to a maximum of
48 ms.
Tone Detection
A 22 kHz tone detector is provided in the A8291 solution. The
detector extracts the tone signal and provides it as an open-drain
signal on the TDO pin. The maximum tone out error is ±1 tone
cycle, and the maximum tone out delay with respect to the input
is 1 tone cycle. Detection thresholds are given in table 1.
Tone Generation
The A8291 solution offers four options for tone generation,
providing maximum flexibility to cover every application. The
EXTM pin (external modulation), in conjunction with the I2C™
control bits: TMODE (tone modulation) and TGATE (tone gate),
provide the necessary control. The TMODE bit controls whether
the tone source is either internal or external (via the EXTM pin).
Both the EXTM pin and TGATE bit determine the 22 kHz con-
trol, whether gated or clocked.
Four options for tone generation are shown in figure 1. Note
that when using option 4, when EXTM stops clocking, the LNB
volts park at the LNB voltage, either plus or minus half the tone
signal amplitude, depending on the state of EXTM. For example,
if the EXTM is held low, the LNB dc voltage is the LNB pro-
grammed voltage minus 325 mV (typical).
With any of the four options, when a tone signal is generated,
TDET is set in the status register. When the internal tone is used
(options 1 or 2), the minimum tone detect amplitude is 400 mV,
and when an external tone is used (options 3 or 4), the minimum
tone detection amplitude is 300 mV.
DiSEqC™ Bypass MOSFET
A pair of N-channel MOSFETs are connected in parallel (source
to drain and drain to source) to provide a low source output
impedance during tone transmission.
The MOSFETs are enabled either via the BFC input pin (ac-
tive low) or by setting the BFC2 bit to 1 in the Control register.
When the BFC pin is used instead of I2C™ control, it is not
latched; a logic high or low turns the FET off or on. When the
EXTM
TMODE
TGATE
Tone
(LNB Ref)
LNB (V)
EXTM
TMODE
TGATE
Tone
(LNB Ref)
LNB (V)
EXTM
TMODE
TGATE
Tone
(LNB Ref)
LNB (V)
EXTM
TMODE
TGATE
Tone
(LNB Ref)
LNB (V)
Option 1 – Use internal tone, gated by the TGATE bit.
Option 2 – Use internal tone, gated by the EXTM pin.
Option 3 – Use external tone, gated by the TGATE bit.
Option 4 – Use external tone.
Figure 1. Options for tone generation
Table 1. Detection Thresholds for Tone Generation Options
Transmit
Receive
Option
(Fig. 1)
1
2
3
4
n.a.
n.a.
TMODE
1
1
0
0
0
1
TGATE
Control
0/1
1
Control
0/1
1
At least one must
be 0 to prevent
tone transmission
EXTM
1
Control
0/1
22 kHz
logic signal,
continuous
Control
gated
22 kHz
logic
signal
Guaranteed
Detection
Threshold
(mVPP)
400
400
300
300
300
400
Rejection
Threshold
(mVPP)
100
100
100
100
100
100


Similar Part No. - A8291SETTR-TB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
More results

Similar Description - A8291SETTR-TB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
A829 ALLEGRO-A829 Datasheet
341Kb / 18P
   Single LNB Supply and Control Voltage Regulator
A8304 ALLEGRO-A8304 Datasheet
633Kb / 21P
   Single LNB Supply and Control Voltage Regulator
A8296SESTR-T ALLEGRO-A8296SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8290 ALLEGRO-A8290 Datasheet
381Kb / 20P
   Single LNB Supply and Control Voltage Regulator
A8293 ALLEGRO-A8293 Datasheet
406Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8303 ALLEGRO-A8303 Datasheet
2Mb / 30P
   Single LNB Supply and Control Voltage Regulator
A8293SESTR-T ALLEGRO-A8293SESTR-T Datasheet
404Kb / 19P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com