Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5818TR Datasheet(PDF) 5 Page - International Rectifier

Part # 1N5818TR
Description  SCHOTTKY RECTIFIER 1.0 Amp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

1N5818TR Datasheet(HTML) 5 Page - International Rectifier

  1N5818TR Datasheet HTML 1Page - International Rectifier 1N5818TR Datasheet HTML 2Page - International Rectifier 1N5818TR Datasheet HTML 3Page - International Rectifier 1N5818TR Datasheet HTML 4Page - International Rectifier 1N5818TR Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1N5818, 1N5819
Bulletin PD-20590 rev. B 11/04
5
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 11/04
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
Device Code
1
2
1
-
Part Number
2
-
TR= Tape & Reel package (5000 pcs)
- = Box package (1000 pcs)
1N5819
TR
1N5818 = 1A, 30V
1N5819 = 1A, 40V


Similar Part No. - 1N5818TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5818TR VISHAY-1N5818TR Datasheet
79Kb / 5P
   Schottky Rectifier, 1.0 A
Revision: 06-Nov-08
More results

Similar Description - 1N5818TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRA120TRPBF IRF-MBRA120TRPBF Datasheet
114Kb / 6P
   SCHOTTKY RECTIFIER 1.0 Amp
logo
Yea Shin Technology Co....
MBRX120W YEASHIN-MBRX120W Datasheet
359Kb / 2P
   1.0 Amp Schottky Barrier Rectifier
logo
Micro Commercial Compon...
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491DS MCC-RB491DS_13 Datasheet
253Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
logo
Central Semiconductor C...
CPD76X-1N5817 CENTRAL-CPD76X-1N5817 Datasheet
321Kb / 3P
   Schottky Rectifier Die 1.0 Amp, 20 Volt
CPD76X-1N5818 CENTRAL-CPD76X-1N5818 Datasheet
455Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 30 Volt
R0 14-September 2016
CPD76X-CMLSH1-40 CENTRAL-CPD76X-CMLSH1-40 Datasheet
456Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 14-September 2016
CPD85V-CMPSH1-4L CENTRAL-CPD85V-CMPSH1-4L Datasheet
503Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 23-January 2017
logo
Micro Commercial Compon...
RB491D MCC-RB491D_06 Datasheet
868Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
logo
Central Semiconductor C...
CPD76X-1N5819 CENTRAL-CPD76X-1N5819 Datasheet
455Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 40 Volt
R0 14-September 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com