Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT140161ZWI-GT3 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT140161ZWI-GT3
Description  Voltage Supervisor with I2C Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT140161ZWI-GT3 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT140161ZWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT140161ZWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT140161ZWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT140161ZWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT140161ZWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT140161ZWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT140161ZWI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT140161ZWI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT140161ZWI-GT3 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT140xx
Doc. No. 1117 Rev. A
8
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
WRITE OPERATIONS
Byte Write
In Byte Write mode, the Master sends the START
condition and the Slave address with the R/W bit set
to zero to the Slave. After the Slave generates an
acknowledge, the Master sends the byte address that
is to be written into the address pointer of the
CAT140xx. After receiving another acknowledge from
the Slave, the Master transmits the data byte to be
written into the addressed memory location. The
CAT140xx device will acknowledge the data byte and
the Master generates the STOP condition, at which
time the device begins its internal Write cycle to
nonvolatile memory (Figure 7). While this internal
cycle is in progress (tWR), the SDA output will be tri-
stated and the CAT140xx will not respond to any
request from the Master device (Figure 8).
Page Write
The CAT140xx writes up to 16 bytes of data in a
single write cycle, using the Page Write operation
(Figure 9). The Page Write operation is initiated in the
same manner as the Byte Write operation, however
instead of terminating after the data byte is
transmitted, the Master is allowed to send up to fifteen
additional bytes. After each byte has been transmitted
the CAT140xx will respond with an acknowledge and
internally increments the four low order address bits.
The high order bits that define the page address
remain unchanged. If the Master transmits more than
sixteen bytes prior to sending the STOP condition, the
address counter ‘wraps around’ to the beginning of
page and previously transmitted data will be
overwritten. Once all sixteen bytes are received and
the STOP condition has been sent by the Master, the
internal Write cycle begins. At this point all received
data is written to the CAT140xx in a single write cycle.
Acknowledge Polling
The acknowledge (ACK) polling routine can be used
to take advantage of the typical write cycle time.
Once the stop condition is issued to indicate the end
of the host’s write operation, the CAT140xx initiates
the internal write cycle.
The ACK polling can be
initiated immediately. This involves issuing the start
condition followed by the slave address for a write
operation. If the CAT140xx is still busy with the write
operation, NoACK will be returned. If the CAT140xx
has completed the internal write operation, an ACK
will be returned and the host can then proceed with
the next read or write operation.


Similar Part No. - CAT140161ZWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT140161ZWI-GT3 ONSEMI-CAT140161ZWI-GT3 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
More results

Similar Description - CAT140161ZWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com