Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13028AD Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC13028AD
Description  C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13028AD Datasheet(HTML) 5 Page - Motorola, Inc

  MC13028AD Datasheet HTML 1Page - Motorola, Inc MC13028AD Datasheet HTML 2Page - Motorola, Inc MC13028AD Datasheet HTML 3Page - Motorola, Inc MC13028AD Datasheet HTML 4Page - Motorola, Inc MC13028AD Datasheet HTML 5Page - Motorola, Inc MC13028AD Datasheet HTML 6Page - Motorola, Inc MC13028AD Datasheet HTML 7Page - Motorola, Inc MC13028AD Datasheet HTML 8Page - Motorola, Inc MC13028AD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MC13028A
5
MOTOROLA ANALOG IC DEVICE DATA
PIN FUNCTION DESCRIPTION
Description/External Circuit Requirements
Internal Equivalent Circuit
Symbol
Pin
10
QPilot
10
5.0 k
VCC
Pilot Q Detector Output
This pin is connected to the Pilot Q detector and
requires a 0.47
µF capacitor to ground to filter the
error line voltage at the PLL pilot tone detector. If the
value of this capacitor is made too large, the
decoder may be prevented from coming back into
stereo after a signal drop out has been experienced
in the field. The force to mono function is also
accomplished at this pin by pulling the dc voltage
level at the pin below 1.0 V.
11
PILOTfil
VCC
2.0 k
11
VCC
30 k
Pilot Signal Input
A capacitor to ground forms a filter for the pilot input
signal. The recommended value of the capacitor is
0.22
µF. The dc level at Pin 11 is approximately
1.0 Vdc.
12
VCC
12
VCC
VCC
Supply Voltage (VCC)
The operating supply voltage range is from 1.8 Vdc
to 12 Vdc.
13
OSCin
Vreg
15 k
3.0 k
13
Vreg
3.1 k
6.3 pF
2.2 k
Oscillator Input
The oscillator pin requires a ceramic resonator and
parallel capacitor connected to ground. The
recommended source for the ceramic resonator is
Murata, part number CSA 3.60MGF108.
A 43 pF NPO capacitor is in parallel with the
resonator. The dc level at Pin 13 is approximately
1.1 Vdc.


Similar Part No. - MC13028AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022ADW MOTOROLA-MC13022ADW Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022AP MOTOROLA-MC13022AP Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13027 MOTOROLA-MC13027 Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
More results

Similar Description - MC13028AD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8120P TOSHIBA-TA8120P Datasheet
1Mb / 16P
   C-QUAM AM STEREO DECODER
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
   IF ADC Front End for AM/FM and HD Radios
logo
Analog Devices
ADAV4622 AD-ADAV4622 Datasheet
50Kb / 2P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
Rev. Sp0
ADAV4622BSTZ AD-ADAV4622BSTZ Datasheet
711Kb / 28P
   Audio Processor for Advanced TV with Sound IF Demodulator and Stereo Decoder
REV. B
logo
Sanyo Semicon Device
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
   AM Tuners for Car Radios and Home Stereos
logo
TOKO, Inc
TK14552V TOKO-TK14552V Datasheet
263Kb / 2P
   Wide band AM / ASK IF IC for ETC
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com