Part Name
         Description
MC13028A

 C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS ( 20 Page)


MOTOROLA
100% 
Zoom Out Zoom In
 
 2 page
background image
MC13028A
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Input Voltage
VCC
14
Vdc
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature
TA
–25 to +70
°C
Storage Temperature Range
Tstg
–55 to +150
°C
LED Indicator Current
ILED
10
mA
ELECTRICAL CHARACTERISTICS (VCC = 8.0 Vdc, TA = 25°C, Input Signal Level = 74 dBµV, Modulation = 1.0 kHz
@ 50% Modulation, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Current Drain
ICC
mA
VCC = 2.2 V
CC
9.0
11
VCC = 8.0 V
11
Audio Output Level, L+R, Mono Modulation
Vout
mVrms
RO = 1.8 k, VCC = 2.2 V, Input 55 dBµV
22
33
44
RO = 10 k, VCC = 8.0 V, Input 50 dBµV
150
200
250
RO = 10 k, VCC = 8.0 V, Input 40 dBµV
80
130
180
RO = 10 k, VCC = 8.0 V, Input 31 dBµV
50
Audio Output Level, L or R Only, Stereo Modulation
Vout
mVrms
RO = 1.8 k, VCC = 2.2 V, 55 dBµV Input
35
80
106
RO = 10 k, VCC = 8.0 V
340
460
580
Output THD
%
50% Stereo, L or R Only
THD1
0.6
1.8
50% Mono, L+R
THD2
0.3
0.6
90% Mono, L+R, Input 86 dB
µV
THD3
1.5
Channel Separation
L or R
23
35
dB
50% L or R Only
Decoder Input Sensitivity
Vin
33
dB
µV
Vout = –10 dB
Force to Mono Mode, (Pin 10)
0.25
0.3
Vdc
Stereo Threshold Adjust (Pin 1)
STA
dB
µV
Pin 1 Open
TA
50
55
µ
R1 = 15 k (Gnd)
55
R1 = 680 k (VCC)
48
Signal to Noise Ratio, RO = 10 k
S/N
dB
50% Stereo, L or R Only
40
62
50% Mono, L+R
40
59
Input Impedance
Rin
10
k
(Reference Specification)
Cin
8.0
pF
Maximum Input Signal Level for THD
≤ 1.5%
86
dB
µV
Blend Voltage
BI
Vdc
Mono Mode
0.7
0.9
Stereo Mode
1.20
1.30
1.35
Out of Lock
0.12
0.2
VCO Lock Range
OSCtun
±2.5
kHz
AGC Range
AGCrng
44
dB
Channel Balance
C–B
–1.0
1.0
dB
Pilot Sensitivity
2.5
4.0
%



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC13022AAdvanced Medium Voltage AM Stereo Decoder 1 2 3 4 5 MoreMotorola, Inc
MC13020PMOTOROLA C-QUAM AM STEREO DECODER 1 2 3 4 5 MoreMotorola, Inc
EM8400MPEG-2 Decoder for Set-top DVD and Streaming Applications 1 2 3 4 5 MoreList of Unclassifed Manufacturers
U4062BHF Front End for Car Radios and HiFi Receivers 1 2 3 4 5 MoreTEMIC Semiconductors
BCX17LT1General Purpose Transistors Voltage and Current are Negative for PNP Transistors 1 2 3 4 ON Semiconductor
IC62LV12816DL128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
HFBR-4531Crimpless Connectors for Plastic Optical Fiber and Versatile Link 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TEA2015AVERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS 1 2 3 4 5 MoreSTMicroelectronics
LCP3121OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE 1 2 3 4 5 MoreSTMicroelectronics
WM8751LSTEREO DAC FOR PORTABLE AUDIO APPLICATIONS 1 2 3 4 5 MoreWolfson Microelectronics plc

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl