Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC850 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC850
Description  Communications Controller Hardware Specifications
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC850 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC850 Datasheet HTML 7Page - Motorola, Inc MPC850 Datasheet HTML 8Page - Motorola, Inc MPC850 Datasheet HTML 9Page - Motorola, Inc MPC850 Datasheet HTML 10Page - Motorola, Inc MPC850 Datasheet HTML 11Page - Motorola, Inc MPC850 Datasheet HTML 12Page - Motorola, Inc MPC850 Datasheet HTML 13Page - Motorola, Inc MPC850 Datasheet HTML 14Page - Motorola, Inc MPC850 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
MOTOROLA
MPC850 (Rev. A/B/C) Hardware Specifications
11
Layout Practices
Table 6. Bus Operation Timing 1
Num
Characteristic
50 MHz
66 MHz
80 MHz
FFACT
Cap Load
(default
50 pF)
Unit
Min
Max
Min
Max
Min
Max
B1
CLKOUT period
20
30.30
25
ns
B1a
EXTCLK to CLKOUT phase
skew (EXTCLK > 15 MHz and
MF <= 2)
-0.90
0.90
-0.90
0.90
-0.90
0.90
50.00
ns
B1b
EXTCLK to CLKOUT phase
skew (EXTCLK > 10 MHz and
MF < 10)
-2.30
2.30
-2.30
2.30
-2.30
2.30
50.00
ns
B1c
CLKOUT phase jitter (EXTCLK >
15 MHz and MF <= 2) 2
-0.60
0.60
-0.60
0.60
-0.60
0.60
50.00
ns
B1d
CLKOUT phase jitter 2
-2.00
2.00
-2.00
2.00
-2.00
2.00
50.00
ns
B1e
CLKOUT frequency jitter (MF <
10) 2
0.50
0.50
0.50
50.00
%
B1f
CLKOUT frequency jitter (10 <
MF < 500) 2
2.00
2.00
2.00
50.00
%
B1g
CLKOUT frequency jitter (MF >
500) 2
3.00
3.00
3.00
50.00
%
B1h
Frequency jitter on EXTCLK 3
0.50
0.50
0.50
50.00
%
B2
CLKOUT pulse width low
8.00
12.12
10.00
50.00
ns
B3
CLKOUT width high
8.00
12.12
10.00
50.00
ns
B4
CLKOUT rise time
4.00
4.00
4.00
50.00
ns
B5
CLKOUT fall time
4.00
4.00
4.00
50.00
ns
B7
CLKOUT to A[6–31],
RD/WR, BURST, D[0–31],
DP[0–3] invalid
5.00
7.58
6.25
0.250
50.00
ns
B7a
CLKOUT to TSIZ[0–1], REG,
RSV, AT[0–3], BDIP, PTR invalid
5.00
7.58
6.25
0.250
50.00
ns
B7b
CLKOUT to BR, BG, FRZ,
VFLS[0–1], VF[0–2] IWP[0–2],
LWP[0–1], STS invalid 4
5.00
7.58
6.25
0.250
50.00
ns
B8
CLKOUT to A[6–31],
RD/WR, BURST, D[0–31],
DP[0–3] valid
5.00
11.75
7.58
14.33
6.25
13.00
0.250
50.00
ns
B8a
CLKOUT to TSIZ[0–1], REG,
RSV, AT[0–3] BDIP, PTR valid
5.00
11.75
7.58
14.33
6.25
13.00
0.250
50.00
ns
B8b
CLKOUT to BR, BG, VFLS[0–1],
VF[0–2], IWP[0–2], FRZ,
LWP[0–1], STS valid 4
5.00
11.74
7.58
14.33
6.25
13.00
0.250
50.00
ns
B9
CLKOUT to A[6–31] RD/WR,
BURST, D[0–31], DP[0–3],
TSIZ[0–1], REG, RSV, AT[0–3],
PTR high-Z
5.00
11.75
7.58
14.33
6.25
13.00
0.250
50.00
ns


Similar Part No. - MPC850

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
MPC850 SIPEX-MPC850 Datasheet
84Kb / 1P
   Connecting SP5301 to MPC850 PowerQUICC
logo
NXP Semiconductors
MPC850 NXP-MPC850 Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
MPC850 NXP-MPC850 Datasheet
3Mb / 242P
   Design Specification
Rev 0.1
logo
Freescale Semiconductor...
MPC850 FREESCALE-MPC850 Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
NXP Semiconductors
MPC850DE NXP-MPC850DE Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
More results

Similar Description - MPC850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
XPC850ZT50BU MOTOROLA-XPC850ZT50BU Datasheet
778Kb / 76P
   Communications Controller Hardware Specifications
logo
NXP Semiconductors
MPC850EC NXP-MPC850EC Datasheet
1Mb / 72P
   PowerQUICC??Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
logo
Fujitsu Component Limit...
MB86290A FUJITSU-MB86290A Datasheet
2Mb / 184P
   Graphics Controller Hardware Specifications
logo
Freescale Semiconductor...
MPC8541E FREESCALE-MPC8541E Datasheet
1Mb / 84P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
MPC8555E FREESCALE-MPC8555E Datasheet
1Mb / 88P
   PowerQUICC??III Integrated Communications Processor Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC850 FREESCALE-MPC850 Datasheet
2Mb / 72P
   PowerQUICC™ Integrated Communications Processor Hardware Specifications
Rev. 2, 07/2005
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
   PowerQUICC??II Integrated Communications Processor Hardware Specifications
XPC8260ZUHFBC FREESCALE-XPC8260ZUHFBC Datasheet
754Kb / 41P
   PowerQUICC II Integrated Communications Processor Hardware Specifications
logo
Texas Instruments
XPC8255ZUIFBC TI1-XPC8255ZUIFBC Datasheet
754Kb / 41P
[Old version datasheet]   PowerQUICC II Integrated Communications Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com