Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27US08281A Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY27US08281A
Description  128Mbit (16Mx8bit / 8Mx16bit) NAND Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27US08281A Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY27US08281A Datasheet HTML 1Page - Hynix Semiconductor HY27US08281A Datasheet HTML 2Page - Hynix Semiconductor HY27US08281A Datasheet HTML 3Page - Hynix Semiconductor HY27US08281A Datasheet HTML 4Page - Hynix Semiconductor HY27US08281A Datasheet HTML 5Page - Hynix Semiconductor HY27US08281A Datasheet HTML 6Page - Hynix Semiconductor HY27US08281A Datasheet HTML 7Page - Hynix Semiconductor HY27US08281A Datasheet HTML 8Page - Hynix Semiconductor HY27US08281A Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Rev 0.6 / Nov. 2005
3
HY27US(08/16)281A Series
128Mbit (16Mx8bit / 8Mx16bit) NAND Flash
FEATURES SUMMARY
HIGH DENSITY NAND FLASH MEMORIES
- Cost effective solutions for mass storage applications
NAND INTERFACE
- x8 or x16 bus width.
- Multiplexed Address/ Data
- Pinout compatibility for all densities
SUPPLY VOLTAGE
- 3.3V device: VCC = 2.7 to 3.6V
: HY27USXX281A
Memory Cell Array
= (512+16) Bytes x 32 Pages x 1,024 Blocks
= (256+8) Words x 32 pages x 1,024 Blocks
PAGE SIZE
- x8 device : (512 + 16 spare) Bytes
: HY27US08281A
- x16 device: (256 + 8 spare) Words
: HY27US16281A
BLOCK SIZE
- x8 device: (16K + 512 spare) Bytes
- x16 device: (8K + 256 spare) Words
PAGE READ / PROGRAM
- Random access: 10us (max.)
- Sequential access: 3.3V device: 50ns (min.)
- Page program time: 200us (typ.)
COPY BACK PROGRAM MODE
- Fast page copy without external buffering
FAST BLOCK ERASE
- Block erase time: 2ms (Typ.)
STATUS REGISTER
ELECTRONIC SIGNATURE
- Manufacturer Code
- Device Code
CHIP ENABLE DON'T CARE OPTION
- Simple interface with microcontroller
AUTOMATIC PAGE 0 READ AT POWER-UP OPTION
- Boot from NAND support
- Automatic Memory Download
SERIAL NUMBER OPTION
HARDWARE DATA PROTECTION
- Program/Erase locked during Power transitions
DATA INTEGRITY
- 100,000 Program/Erase cycles
- 10 years Data Retention
PACKAGE
- HY27US(08/16)281A-T(P)
: 48-Pin TSOP1 (12 x 20 x 1.2 mm)
- HY27US(08/16)281A-T (Lead)
- HY27US(08/16)281A-TP (Lead Free)
- HY27US(08/16)281A-S(P)
: 48-Pin USOP1 (12 x 17 x 0.65 mm)
- HY27US(08/16)281A-S (Lead)
- HY27US(08/16)281A-SP (Lead Free)


Similar Part No. - HY27US08281A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27US08121A HYNIX-HY27US08121A Datasheet
419Kb / 49P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
HY27US08121B HYNIX-HY27US08121B Datasheet
238Kb / 16P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
HY27US08121M HYNIX-HY27US08121M Datasheet
729Kb / 43P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
HY27US08122B HYNIX-HY27US08122B Datasheet
238Kb / 16P
   512Mbit (64Mx8bit / 32Mx16bit) NAND Flash
HY27US081G1M HYNIX-HY27US081G1M Datasheet
318Kb / 39P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
More results

Similar Description - HY27US08281A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
logo
OKI electronic componet...
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
   NAND Flash Memory Controller
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
logo
Cypress Semiconductor
S25FL256L CYPRESS-S25FL256L Datasheet
1Mb / 158P
   256Mbit (32Mbyte)/128Mbit (16Mbyte),3.0 V FL-L Flash Memory
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
logo
Winbond
W29N01HV WINBOND-W29N01HV Datasheet
1Mb / 54P
   1G-BIT 3.3V NAND FLASH MEMORY
Revision C
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
Hynix Semiconductor
HY27UA081G1M HYNIX-HY27UA081G1M Datasheet
729Kb / 43P
   1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com