Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA46 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA46
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA46 Datasheet(HTML) 2 Page - Cirrus Logic

  PA46 Datasheet HTML 1Page - Cirrus Logic PA46 Datasheet HTML 2Page - Cirrus Logic PA46 Datasheet HTML 3Page - Cirrus Logic PA46 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
PA46
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
150V
OUTPUT CURRENT, continuous within SOA
5A
POWER DISSIPATION, continuous @ T
C = 25°C
75W
INPUT VOLTAGE, differential
±16 V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder – 10 sec
220
°C
TEMPERATURE, junction
150
°C
TEMPERATURE, storage
–65 to +150
°C
TEMPERATURE RANGE, powered (case)
–55 to +125
°C
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
510
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
10
50
µV/°C
OFFSET VOLTAGE, vs supply
815
µV/V
OFFSET VOLTAGE, vs time
2
µV √kh
BIAS CURRENT, initial
20
100
pA
BIAS CURRENT, vs supply
2
pA/V
OFFSET CURRENT, initial
200
pA
INPUT IMPEDANCE, DC
1011
INPUT CAPACITANCE
5pF
COMMON MODE, voltage range
±V
S–10
V
COMMON MODE REJECTION, DC
90
106
dB
NOISE, broad band
10kHz BW, R
S = 1KΩ
10
µV RMS
GAIN
OPEN LOOP at 15Hz
94
106
dB
GAIN BANDWIDTH PRODUCT @ 1MHz
R
L = 500Ω, CC = 10pF
4.5
MHz
POWER BANDWIDTH
C
C = 10pF, 130V p-p, RL = 8Ω
66
kHz
PHASE MARGIN
Full temp range, C
C = 68pF, RL = 10Ω
60
°
OUTPUT
VOLTAGE SWING
I
O = 5A
±V
S–10
±V
S–8V
CURRENT, continuous
5
A
SETTLING TIME to .1%
10V step, A
V = –10
2
µs
SLEW RATE
C
C = 10pF, RL = 8Ω
27
V/
µs
CAPACITIVE LOAD
A
V = +1, CC = 68pF
10
nF
RESISTANCE , no load
R
CL = 0
150
POWER SUPPLY
VOLTAGE3
See Note 3
±15
±50
±75
V
CURRENT, quiescent
30
50
mA
CURRENT, quiescent, class C
5mA
THERMAL2
RESISTANCE, AC junction to case
F > 60Hz
1.3
°C/W
RESISTANCE, DC junction to case
F < 60Hz
1.7
°C/W
RESISTANCE, junction to air
Full temperature range
30
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
–25
+85
°C
SPECIFICATIONS
CAUTION
The PA46 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The exposed substrate is beryllia (BeO). Do not crush, machine, or subject to temperatures in excess of 850
°C to avoid
generating toxic fumes.
NOTES: 1.
Unless otherwise noted T
C = 25°C, CC = 10pF, RC = 1KΩ. DC input specifications are ± value given. Power supply voltage is
typical rating.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF. For guidance, refer to heatsink data sheet.
3.
Derate maximum supply voltage .5 V/
°C below case temperature of 25°C. No derating is needed above T
C = 25°C.


Similar Part No. - PA46

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
   Dual SPDT Analog Switch
PA4684-T7 PROTEC-PA4684-T7 Datasheet
170Kb / 9P
   Dual SPDT Analog Switch
PA4684DN PROTEC-PA4684DN Datasheet
170Kb / 9P
   Dual SPDT Analog Switch
More results

Similar Description - PA46

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA44 ETC-PA44 Datasheet
66Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA140 APEX-PA140 Datasheet
76Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
   High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
   High Voltage Power Operational Amplifier
PA243 APEX-PA243 Datasheet
461Kb / 5P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
   High Voltage Power Operational Amplifier
PA95 APEX-PA95 Datasheet
62Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 APEX-PA240 Datasheet
384Kb / 5P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA45 ETC-PA45 Datasheet
58Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com