Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX918 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX918
Description  PLASTIC ENCAPSULATED DEVICES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX918 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX918 Datasheet HTML 1Page - Maxim Integrated Products MAX918 Datasheet HTML 2Page - Maxim Integrated Products MAX918 Datasheet HTML 3Page - Maxim Integrated Products MAX918 Datasheet HTML 4Page - Maxim Integrated Products MAX918 Datasheet HTML 5Page - Maxim Integrated Products MAX918 Datasheet HTML 6Page - Maxim Integrated Products MAX918 Datasheet HTML 7Page - Maxim Integrated Products MAX918 Datasheet HTML 8Page - Maxim Integrated Products MAX918 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Conclusion
The MAX9118 successfully meets the quality and reliability standards required of all Maxim products. In addition,
Maxim’s continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim’s quality
and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Manufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
.....Attachments
I. Device Description
A. General
The MAX9118 nanopower comparator a in space-saving SC70 packages feature Beyond-the-Rails™ inputs and are
is guaranteed to operate down to +1.8V. The MAX9118 features an on-board 1.252V ±1.75% reference and draw an
ultra-low supply current of only 600nA. This feature makes the MAX9118 comparator ideal for all 2-cell battery
monitoring/management applications.
The unique design of the output stage limits supply-current surges while switching, virtually eliminating the supply
glitches typical of many other comparators. This design also minimizes overall power consumption under dynamic
conditions. The MAX9118 has an open-drain output stage that makes them suitable for mixed-voltage system
design. Large internal output drivers allow Rail-to-Rail® output swing with loads up to 5mA. The device is available in
the ultra-small 5-pin SC70 package.
B. Absolute Maximum Ratings
Item
Rating
Supply Voltage (VCC to VEE)
+6V
Voltage Inputs (IN+, IN-, REF)
(VEE - 0.3V) to (VCC + 0.3V)
Output Voltage
(VEE - 0.3V) to (VCC + 0.3V)
Current Into Input Pins
20mA
Output Current
±50mA
Output Short-Circuit Duration
10s
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70
200mW
Derates above +70°C
5-Pin SC70
2.5mW/°C


Similar Part No. - MAX918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX918 MAXIM-MAX918 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX918 MAXIM-MAX918 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9180 MAXIM-MAX9180 Datasheet
246Kb / 9P
   400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
MAX9180EXT-T MAXIM-MAX9180EXT-T Datasheet
246Kb / 9P
   400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
MAX9181 MAXIM-MAX9181 Datasheet
245Kb / 8P
   Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
Rev 1; 2/04
More results

Similar Description - MAX918

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com