Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1540AAB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1540AAB
Description  1 Form A Solid State Relay
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1540AAB Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1540AAB Datasheet HTML 1Page - Vishay Siliconix LH1540AAB Datasheet HTML 2Page - Vishay Siliconix LH1540AAB Datasheet HTML 3Page - Vishay Siliconix LH1540AAB Datasheet HTML 4Page - Vishay Siliconix LH1540AAB Datasheet HTML 5Page - Vishay Siliconix LH1540AAB Datasheet HTML 6Page - Vishay Siliconix LH1540AAB Datasheet HTML 7Page - Vishay Siliconix LH1540AAB Datasheet HTML 8Page - Vishay Siliconix LH1540AAB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LH1540AAB/ AABTR/ AT
Document Number 83833
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Transfer
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Capacitance (input-output)
VISO = 1.0 V
CIO
0.8
pF
Turn-on time
IF = 5.0 mA, IL = 50 mA
ton
1.2
2.0
ms
Turn-off time
IF = 5.0 mA, IL = 50 mA
toff
0.5
2.0
ms
Figure 1. Recommended Operating Conditions
Figure 2. LED Voltage vs. Temperature
0
0
i1540at_01
AMBIENT TEMPERATURE (°C)
1.6
1.5
1.4
1.0
1.3
1.2
1.1
–40
–20
0
20
40
60
80
IF=50 mA
IF=20 mA
IF=5.0 mA
IF=10 mA
IF=1.0 mA
IF=2.0 mA
Figure 3. LED Dropout Voltage vs. Temperature
Figure 4. LED Current for Switch Turn-on vs. Temperature
i1540at_02
AMBIENT TEMPERATURE (
°C)
–40
–20
0
20
40
60
80
1.20
1.15
1.10
0.95
1.00
1.05
MIN.
TYP.
IL=100 mA
i1540at_03
AMBIENT TEMPERATURE (
°C)
100
–60
80
60
40
–40
–40
20
–20
0
–20
0
20
40
60
80
IL=100 mA


Similar Part No. - LH1540AAB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
LH1540AAB INFINEON-LH1540AAB Datasheet
64Kb / 5P
   1 Form A Solid State Relay
March 23, 2001-12
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
LH1540AAB VISHAY-LH1540AAB Datasheet
205Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.0, 05-Jul-2018
LH1540AAB VISHAY-LH1540AAB Datasheet
204Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1540AAB VISHAY-LH1540AAB Datasheet
205Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
More results

Similar Description - LH1540AAB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com