Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT130011LWI-GT3 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT130011LWI-GT3
Description  Voltage Supervisor with Microwire Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT130011LWI-GT3 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT130011LWI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT130011LWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT130011LWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT130011LWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT130011LWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT130011LWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT130011LWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT130011LWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT130011LWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CAT130xx
© 2007 Catalyst Semiconductor, Inc.
1
Doc. No. 1121 Rev. A
Characteristics subject to change without notice
Voltage Supervisor with Microwire Serial
CMOS EEPROM
FEATURES
Precision Power Supply Voltage Monitor
5V, 3.3V, 3V & 2.5V systems
7 threshold voltage options
Active High or Low Reset
Valid reset guaranteed at VCC = 1 V
High Speed Operation
Selectable x8 or x16 memory organization
Low power CMOS technology
1,000,000 Program/Erase cycles
100 year data retention
Industrial temperature range
RoHS-compliant 8-pin SOIC package
For Ordering Information details, see page 13.
PIN CONFIGURATION
SOIC (W)
CS
1
8 VCC
SK
2
7 RST/ RST
¯¯¯¯
DI
3
6 ORG
DO
4
5 GND
PIN FUNCTION
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
ORG
Memory Organization
RST/ RST
¯¯¯¯
Reset Output
VCC
Power Supply
DESCRIPTION
The CAT130xx (see table below) are memory and
supervisory
solutions
for
microcontroller
based
systems. A CMOS serial EEPROM memory and a
system power supervisor with brown-out protection
are integrated together. Memory interface is via
Microwire serial protocol.
The CAT130xx provides a precision VCC sense circuit
with two reset output options: CMOS active low output
or CMOS active high. The RESET output is active
whenever VCC is below the reset threshold or falls
below the reset threshold voltage.
The power supply monitor and reset circuit protect
system controllers during power up/down and against
brownout conditions. Seven reset threshold voltages
support 5V, 3.3V, 3V and 2.5V systems. If power
supply voltages are out of tolerance reset signals
become active, preventing the system microcontroller,
ASIC or peripherals from operating. Reset signals
become inactive typically 240ms after the supply
voltage exceeds the reset threshold level.
MEMORY SIZE SELECTOR
Product
Memory density
13001
1-Kbit
13004
4-Kbit
13008
8-Kbit
13016
16-Kbit
THRESHOLD SUFFIX SELECTOR
Nominal Threshold
Voltage
Threshold Suffix
Designation
4.63V
L
4.38V
M
4.00V
J
3.08V
T
2.93V
S
2.63V
R
2.32V
Z
Note:
When the ORG pin is connected to VCC, the x16 organization is
selected. When it is connected to ground, the x8 pin is selected. If
the ORG pin is left unconnected, then an internal pullup device will
select the x16 organization.


Similar Part No. - CAT130011LWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT130011LWI-GT3 ONSEMI-CAT130011LWI-GT3 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
More results

Similar Description - CAT130011LWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com