Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0104EGXUR Datasheet(PDF) 1 Page - Texas Instruments

Part # TXS0104EGXUR
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0104EGXUR Datasheet(HTML) 1 Page - Texas Instruments

  TXS0104EGXUR Datasheet HTML 1Page - Texas Instruments TXS0104EGXUR Datasheet HTML 2Page - Texas Instruments TXS0104EGXUR Datasheet HTML 3Page - Texas Instruments TXS0104EGXUR Datasheet HTML 4Page - Texas Instruments TXS0104EGXUR Datasheet HTML 5Page - Texas Instruments TXS0104EGXUR Datasheet HTML 6Page - Texas Instruments TXS0104EGXUR Datasheet HTML 7Page - Texas Instruments TXS0104EGXUR Datasheet HTML 8Page - Texas Instruments TXS0104EGXUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OE
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
B1
B2
B3
B4
NC
A1
A2
A3
A4
NC
NC − No internal connection
D OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
GND
NC
A4
A3
A2
VCCA
NC
B4
B3
B2
B1
VCCB
A1
GXU OR ZXU PACKAGE
(BOTTOM VIEW)
4
3
2
1
B
A
C
DESCRIPTION/ORDERING INFORMATION
TXS0104E
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
FOR OPEN-DRAIN APPLICATIONS
SCES651B – JUNE 2006 – REVISED FEBRUARY 2007
• 1.65 V to 3.6 V on A Port and 2.3 V to 5.5 V on
1000-V Charged-Device Model (C101)
B Port (V
CCA ≤ VCCB)
(B Port)
• No Power-Supply Sequencing Required –
15-kV Human-Body Model (A114-B)
V
CCA or VCCB Can Be Ramped First
200-V Machine Model (A115-A)
• Latch-Up Performance Exceeds 100 mA Per
1000-V Charged-Device Model (C101)
JESD 78, Class II
• IEC 61000-4-2 ESD
• ESD Protection Exceeds JESD 22
(B Port)
(A Port)
±8-kV Contact Discharge
2000-V Human-Body Model (A114-B)
±10-kV Air-Gap Discharge
200-V Machine Model (A115-A)
TERMINAL ASSIGNMENTS
(GXU/ZXU Package)
A
B
C
1
A1
VCCB
B1
2
A2
VCCA
B2
3
A3
OE
B3
4
A4
GND
B4
This 4-bit noninverting translator uses two separate configurable power-supply rails. The A port is designed to
track VCCA. VCCA accepts any supply voltage from 1.65 V to 3.6 V. VCCA must be less than or equal to VCCB. The
B port is designed to track VCCB. VCCB accepts any supply voltage from 2.3 V to 5.5 V. This allows for
low-voltage bidirectional translation between any of the 1.8-V, 2.5-V, 3.3-V, and 5-V voltage nodes.
When the output-enable (OE) input is low, all outputs are placed in the high-impedance state.
The TXS0104E is designed so that the OE input circuit is supplied by VCCA.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the
driver.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TXS0104EGXUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0104EGXUR TI-TXS0104EGXUR Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104EGXUR TI-TXS0104EGXUR Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104EGXUR TI-TXS0104EGXUR Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104EGXUR TI-TXS0104EGXUR Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0104EGXUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102 Datasheet
261Kb / 13P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_102 TI-TXS0104E_102 Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E-Q1 TI1-TXS0104E-Q1 Datasheet
853Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI1-TXS0104E_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
REVISED AUGUST 2023
TXS0104E TI-TXS0104E_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com